| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4LC2M8S1-8TC bảng dữ liệu(PDF) 5 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4LC2M8S1-8TC bảng dữ liệu(HTML) 5 Page - Alliance Semiconductor Corporation |
|
5 / 28 page ![]() AS4LC2M8S1 AS4LC1M16S1 7/5/00 ALLIANCE SEMICONDUCTOR 5 Mode register fields † RFU = 0 during MRS cycle. Burst sequence (burst length = 4) Burst sequence (burst length = 8) Register programmed with MRS Address A11~A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 Function RFU† WBL TM CAS latency BT Burst length Write burst length Burst type A9 Length A3 Type 0 Programmed burst length 0 Sequential 1 Interleaved 1Single burst Test mode A8 A7 Type 0 0 Mode register set 01 Reserved 10 Reserved 11 Reserved CAS latency Burst length A6 A5 A4 Latency A2 A1 A0 BT = 0 BT = 1 0 0 0 Reserved 0 0 0 1 1 0 0 1 1 0 012 2 0 1 0 2 0 104 4 0 1 1 3 0 118 8 1 X X Reserved 1 0 0 Reserved Reserved 1 0 1 Reserved Reserved 1 1 0 Reserved Reserved 1 1 1 Full page Reserved Initial address Sequential Interleave A1 A0 0 0 0 123 0123 0 1 1 230 1032 1 0 2 301 2301 1 1 3 012 3210 Initial address Sequential Interleave A2 A1 A0 0 0 0 0123456701234567 0 0 1 1234567010325476 0 1 0 2345670123016745 0 1 1 3456701232107654 1 0 0 4567012345670123 1 0 1 5670123454761032 1 1 0 6701234567452301 1 1 1 7012345676543210 |