công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C031AJC bảng dữ liệu(PDF) 31 Page - Advanced Micro Devices

tên linh kiện AM79C031AJC
Giải thích chi tiết về linh kiện  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031AJC bảng dữ liệu(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C031AJC Datasheet HTML 27Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 28Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 29Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 30Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 31Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 32Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 33Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 34Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
SLAC Products
31
18. Read SLIC Input/Output Direction, Channel Status Bit, and Power Interrupt Bit
(55h)
Power Interruption
PI = 0
There has not been a power interruption since the last software
reset command.
PI = 1
A power interruption has been previously detected requiring the
DSLAC device to be completely reprogrammed. This bit is cleared
by issuing a software reset command.
Channel Status
CSTAT = 0
Channel is inactive (Standby mode).
CSTAT = 1
Channel is active.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
1
Output Data
PI
CSTAT
RSVD
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48