công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

12N10G-S08-R bảng dữ liệu(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

tên linh kiện 12N10G-S08-R
Giải thích chi tiết về linh kiện  N-Channel MOSFET uses advanced trench technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Trang chủ  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

12N10G-S08-R bảng dữ liệu(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  12N10G-S08-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.doingter.cn
4
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
t
T
0.02
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 125℃/W
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
2
4
6
8
10
12
0369
12
15
Q G , Total Gate Charge (nC)
I D =3 A
V DS =80V
0
200
400
600
800
1000
0
20
40
60
80
100
120
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Operation in this
area limited by
RDS(ON)
.
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
0.5
1
1.5
2
2.5
3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.4
0.8
1.2
1.6
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =1mA
12N10G-S08-R



Html Pages

1 2 3 4 5 6