| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
10AS-D7/C02 bảng dữ liệu(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
10AS-D7/C02 bảng dữ liệu(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: 10AS http://www.m-system.co.jp/ 10AS SPECIFICATIONS ES-0881 Rev.13 Page 2/4 OUTPUT SPECIFICATIONS ■ Relay Contact: 100 V AC @ 1 A (cos ø = 1) 120 V AC @ 1 A (cos ø = 1) 240 V AC @ 0.5 A (cos ø = 1) 30 V DC @ 1 A (resistive load) Maximum switching voltage: 380 V AC or 125 V DC Maximum switching power: 120 VA or 30 W Minimum load: 5 V DC @ 10 mA Mechanical life: 5 x 107 cycles For maximum relay life with inductive loads, external protection is recommended. Trip Operation in Power Failure •Output code 1: Terminals 3 – 8 turn ON •Output code 2: Terminals 5 – 8 turn ON •Output code 3 •Output code 4 •Output code 5, 8 •Output code 7 Alarm Trip Operation Terminal No. in parentheses •Output Code : 5, 7 0 50 100 Input (%) ▲ Setpoint Output •Output Code : 1, 2 (5–8)ON (3–8)ON 0 50 100 Input (%) ▲ Setpoint 1 Output 1 •Output Code : 3, 4 (5–8)ON (3–8)ON (7–8)ON (6–8)ON ▲ Setpoint 2 Output 2 0 50 100 Input (%) ▲ Hi Setpoint Hi Output (5–8)ON (3–8)ON (7–8)ON (6–8)ON ▲ Lo Setpoint Lo Output •Output Code : 8 0 50 100 Input (%) ▲ Hi Setpoint Hi Output (5–8)ON (3–8)ON (6–8)ON (7–8)ON ▲ Lo Setpoint Lo Output INSTALLATION Current consumption: Approx. 80 mA with dual alarm Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Standard Rack 10BXx Weight: 200 g (0.44 lb) PERFORMANCE in percentage of span Trip point repeatability: ±0.1 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Response time: Approx. 0.5 sec. (0 – 100 % at 90 % setpoint) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 500 V AC @ 1 minute (input to output to power) 1500 V AC @ 1 minute (input or output or power to ground) |