công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRDCIP2003A-C bảng dữ liệu(PDF) 8 Page - International Rectifier

tên linh kiện IRDCIP2003A-C
Giải thích chi tiết về linh kiện  1MHz, 160A, Synchronous Buck Converter Using iP2003A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2003A-C bảng dữ liệu(HTML) 8 Page - International Rectifier

  IRDCIP2003A-C Datasheet HTML 1Page - International Rectifier IRDCIP2003A-C Datasheet HTML 2Page - International Rectifier IRDCIP2003A-C Datasheet HTML 3Page - International Rectifier IRDCIP2003A-C Datasheet HTML 4Page - International Rectifier IRDCIP2003A-C Datasheet HTML 5Page - International Rectifier IRDCIP2003A-C Datasheet HTML 6Page - International Rectifier IRDCIP2003A-C Datasheet HTML 7Page - International Rectifier IRDCIP2003A-C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRDCiP2003A-C_ ____
_____
www.irf.com
8
Table 1: Reference Design Bill of Materials
Refer to the following application notes for detailed guidelines and suggestions when
implementing iPOWIR Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s
iPowIR Technology BGA and LGA and Packages
This paper discusses optimization of the layout design for mounting iPowIR BGA and LGA packages on
printed circuit boards, accounting for thermal and electrical performance and assembly considerations.
Topics discussed includes PCB layout placement, and via interconnect suggestions, as well as soldering,
pick and place, reflow, inspection, cleaning and reworking recommendations.
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the
operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
AN-1047: Graphical solution for two branch heatsinking Safe Operating Area
Detailed explanation of the dual axis SOA graph and how it is derived.
Use of this design for any application should be fully verified by the customer. International Rectifier
cannot guarantee suitability for your applications, and is not liable for any result of usage for such
applications including, without limitation, personal or property damage or violation of third party
intellectual property rights.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com