công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

75ACDR_SC bảng dữ liệu(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

tên linh kiện 75ACDR_SC
Giải thích chi tiết về linh kiện  75W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Trang chủ  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

75ACDR_SC bảng dữ liệu(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  75ACDR_SC Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
75ACDR_SC – Rev. 2020-1.3
Specifications subject to change without notice.
75W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Industrial DIN Rail Power Supply
75ACDR_SC Series
Mechanical dimensions
AC terminal blocks installation information
Terminal No.
Function
Wire specs
Rec. torque
1
L
20~10AWG
1Nm
2
N
3
PG
DC terminal blocks installation information
Terminal No.
Function
Wire specs
Rec. torque
4&5
DC OK Relay
contact
20~10AWG
1Nm
6
-V
7
+V
AC/DC terminal
Type
Screw terminal blocks
Solid wire
0.5-6mm2
Strand wire
0.5-4mm2
Wire Spec
AWG20-10 (PG wire >18AWG)
Max wire diameter
2.8mm
Recommended stripping length
7mm
Screwdriver
3.5mm Straight or Cross Screwdriver
Recommended torque
1NM
EMC specifications
EMC / Emission
Compliance to EN55022, EN55024, FCC PART 15 Class B
EMC / Harmonic current
Compliance to EN61000-3-2, CLASS A
EMC / Immunity
Compliance to EN61000-4-2, -3, -4, -5, -6, -8, -11; heavy industry level
perf. Criteria B
The power supply is considered as a component which will be installed into a final equipment.
The final equipment must be re-confirmed that it still meets EMC directives.
Approval
Model
Power
[W]
Output
[Vo, VDC]
Rated Current
[A]
Current Range
[A]
Ripple&Noise* [mV, max]
0~70°C
-25°C
Efficiency
[%, typ]
UL (pending)
75ACDR_12SC
75
12
6.3
0~6.3
100
200
88
UL (pending)
75ACDR_24SC
75
24
3.2
0~3.2
120
240
91
UL (pending)
75ACDR_48SC
75
48
1.6
0~1.6
120
240
91
* Measured at 20MHz of bandwidth by using a 12” twisted pair-wire terminated with a 0.1 uF & 10uF parallel capacitor.
75ACDR_SC



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com