công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM160808T bảng dữ liệu(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

tên linh kiện LM160808T
Giải thích chi tiết về linh kiện  This specification applies to MULTILAYER FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Trang chủ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM160808T bảng dữ liệu(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM160808T Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM160808T Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
9 Reliability Of Ferrite Multilayer Chip Bead
1-1.Mechanical Performance
No
Item
Specification
1-1-1 Flexure Strength
The forces applied on the right
Test device shall be soldered on the substrate
conditions must not damage
Substrate Dimension: 100x40x1.6mm
the terminal electrode and the Deflection: 2.0mm
ferrite
Keeping Time: 30sec
*For 100505, substrate dimension is 100x40x0.8mm
1-1-2 Vibration
Test device shall be soldered on the substrate
Oscillation Frequency: 10 to 55 to 10Hz for 1min
Amplitude: 1.5mm
Time: 2hrs for each axis (X, Y & Z), total 6hrs
1-1-3 Resistance to Soldering Heat Appearance: No damage
Pre-heating: 150
℃, 1min
More than 75% of the terminal.Solder Composition: Sn/Ag3.0/Cu0.5(Pb-Free)
electrode should be covered
Solder Temperature: 260±5
with solder.
Immersion Time: 10±1sec
Impedance : within ±30% of
initial value
1-1-4 Solder ability
The electrodes shall be at
Pre-heating: 150
℃, 1min
least 95% covered with new
Solder Composition: Sn/Ag3.0/Cu0.5(Pb-Free)
solder coating
Solder Temperature: 245±5
℃(Pb-Free)
Immersion Time: 4±1sec
1-1-5 Terminal Strength Test
No split termination
Test device shall be soldered on the substrate,
then apply a force in the direction of the arrow.
Force : 5N
Keeping Time: 10±1sec
1-2.Environmental Performance
No
Item
Specification
1-2-1 Temperature Cycle
Appearance: No damage
One cycle:
Impedance: within±30% of
Step
Temperature (
℃)
Time (min)
initial value
1
-55±3
30
2
25±2
3
3
125±3
30
4
25±2
3
Total: 100cycles
Measured after exposure in the room condition for 24hrs
1-2-2 Humidity Resistance
Temperature: 40±2
Relative Humidity: 90 ~ 95% / Time: 1000hrs
Measured after exposure in the room condition for 24hrs
1-2-3 High
Temperature: 125±3
℃ / Relative Humidity: 0%
Temperature Resistance
Applied Current: Rated Current /Time: 1000hrs
Measured after exposure in the room condition for 24hrs
1-2-4 Low
Temperature: -55±3
Temperature Resistance
Relative Humidity: 0% / Time: 1000hrs
Measured after exposure in the room condition for 24hrs
Test Method
Test Method
Mounting Pad
F
Chip
LM160808T Series
Rev :
www.leiditech.com
01.06.2018
4/9



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com