công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RAC03E-K bảng dữ liệu(PDF) 4 Page - Recom International Power

tên linh kiện RAC03E-K
Giải thích chi tiết về linh kiện  3 Watt 1.45??x 0.95??Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03E-K bảng dữ liệu(HTML) 4 Page - Recom International Power

  RAC03E-K Datasheet HTML 1Page - Recom International Power RAC03E-K Datasheet HTML 2Page - Recom International Power RAC03E-K Datasheet HTML 3Page - Recom International Power RAC03E-K Datasheet HTML 4Page - Recom International Power RAC03E-K Datasheet HTML 5Page - Recom International Power RAC03E-K Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.recom-power.com
REV.: 0/2021
PA-4
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RAC03E-K/277
Series
PROTECTIONS
Parameter
Condition
Value
Isolation Resistance
I/P to O/P, Isolation Voltage 500VDC
1G
Ω min.
Isolation Capacitance
I/P to O/P, 100KHz/0.1V
100pF max.
Leakage Current
@ 277VAC
0.25mA max.
Insulation Grade
reinforced
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection 0.1m/s
refer to
“Derating Graph (7)”
-40°C to +85°C
Maximum Case Temperature
+95°C
Temperature Coefficient
±0.03%/K
Operating Altitude
2000m
Operating Humidity
non-condensing
20% - 90% RH max.
Pollution Degree
PD2
Vibration
10-500Hz, 2G10min./1cycle, period 60min.
each along x,y,z axes
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+40°C
2260 x 103 hours
2040 x 103 hours
Design Lifetime
230VAC/60Hz and full load +50°C
>30 x 103 hours
-40 -30 -20 -10 0
20
10
30
50
40
60 70 80
85
90
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
115-240VAC nom.
100VAC nom.
-30
-40
-20 -10 0
20
10
30
50
40
60 70 80
85
75
65
90
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
115-240VAC nom.
100VAC nom.
Derating Graph (7)
(@ Chamber and natural convection 0.1m/s)
Notes:
Note7: Output power derating for Line-input of less than 90VAC (derate linearly from 100% at 90VAC to 85% at 85VAC)
RAC03E-3.3SK/277
others



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com