công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431 bảng dữ liệu(PDF) 1 Page - SHIKUES Electronics

tên linh kiện TL431
Giải thích chi tiết về linh kiện  Programmable Precision Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SKTECHNOLGY [SHIKUES Electronics]
Trang chủ  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

TL431 bảng dữ liệu(HTML) 1 Page - SHIKUES Electronics

  TL431 Datasheet HTML 1Page - SHIKUES Electronics TL431 Datasheet HTML 2Page - SHIKUES Electronics TL431 Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Programmable Precision Reference
Features:
• Programmable output Voltage to 36 V
• Low dynamic output impedance
• Sink current capability of 1 to 100 mA
• Low output noise voltage
• Fast turn on response
Absolute Maximum Ratings (Ta = 25 OC, unless otherwise noted.)
1. Reference 2.Cathode 3. Anode
SOT-23 Plastic Package
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
37
V
Cathode Current Range (Continuous)
IKA
- 100 to + 150
mA
Reference Input Current Range
IREF
- 0.05 to + 10
mA
Power Dissipation
PD
350
mW
Operating Temperature Range
Topr
- 25 to + 85
O
C
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Recmmended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1
100
mA
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Deviation of Reference Input Voltage Over Temperatue
at VKA = VREF, IKA = 10 mA, - 25 OC ≤ Ta ≤ + 85 OC
∆VREF
/∆T
-
4.5
17
mV
Ratio of Change in Reference Input Voltage to the Change
in Cathode Voltage
at IKA = 10 mA
∆VKA = 10 V to VREF
∆VKA = 36 V to 10 V
∆VREF/∆
VKA
-
-
-1.0
-0.5
-2.7
-2
mV/V
Reference Input Current
at IKA = 10 mA, R1 = 10 KΩ, R2 = ∞
IREF
-
1.5
4
μA
Deviation of Reference Input Current Over Full Temperatue
at IKA = 10 mA, R1 = 10 KΩ, R2 = ∞, - 25 OC ≤ Ta ≤ + 85 OC
∆IREF/∆T
-
0.4
1.2
μA
Minimum Cathode Current for Regulation
at VKA = VREF
IKA(min)
-
0.45
1
mA
Off-Stage Cathode Current
at VKA = 36 V, VREF = 0
IKA(OFF)
-
0.05
1
μA
Dynamic Impedance
at VKA = VREF, IKA = 1 to 100 mA, f ≤ 1 KHz
ZKA
-
0.15
0.5
Reference Input Voltage
at VKA = VREF, IKA = 10 mA
VREF
V
0.5%
2.487
2.50
2.513
TL431
1 of 3
REV.08


Số phần tương tự - TL431

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Mô tả tương tự - TL431

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com