công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISO6740FDWR bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ISO6740FDWR
Giải thích chi tiết về linh kiện  ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ISO6740FDWR bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button ISO6740FDWR Datasheet HTML 32Page - Texas Instruments ISO6740FDWR Datasheet HTML 33Page - Texas Instruments ISO6740FDWR Datasheet HTML 34Page - Texas Instruments ISO6740FDWR Datasheet HTML 35Page - Texas Instruments ISO6740FDWR Datasheet HTML 36Page - Texas Instruments ISO6740FDWR Datasheet HTML 37Page - Texas Instruments ISO6740FDWR Datasheet HTML 38Page - Texas Instruments ISO6740FDWR Datasheet HTML 39Page - Texas Instruments ISO6740FDWR Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
ISO6740DWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6740FDWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6741DWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6741FDWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6742DWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6742FDWR
SOIC
DW
16
2000
367.0
367.0
45.0
www.ti.com
ISO6731, ISO6740, ISO6741, ISO6742
SLLSFJ6D – DECEMBER 2019 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISO6731 ISO6740 ISO6741 ISO6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40