| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90PWM3 bảng dữ liệu(PDF) 79 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM3 bảng dữ liệu(HTML) 79 Page - ATMEL Corporation |
|
79 / 365 page ![]() 79 AT90PWM2/3 4317B–AVR–02/05 RESET, Reset pin: When the RSTDISBL Fuse is programmed, this pin functions as a normal I/O pin, and the part will have to rely on Power-on Reset and Brown-out Reset as its reset sources. When the RSTDISBL Fuse is unprogrammed, the reset circuitry is connected to the pin, and the pin can not be used as an I/O pin. If PE0 is used as a reset pin, DDE0, PORTE0 and PINE0 will all read 0. Table 34 relates the alternate functions of Port E to the overriding signals shown in Fig- ure 28 on page 68. Table 34. Overriding Signals for Alternate Functions in PE2..PE0 Signal Name PE2 PE1 PE0 PUOE ––– PUOV ––– DDOE ––– DDOV ––– PVOE ––– PVOV ––– PTOE ––– DIEOE ––– DIEOV ––– DI ––– AIO ––– |