| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASMT-RX45-XXXXX bảng dữ liệu(PDF) 5 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
ASMT-RX45-XXXXX bảng dữ liệu(HTML) 5 Page - Broadcom Corporation. |
|
5 / 9 page ![]() ASMT-Rx45-xxxxx Data Sheet 0.45-mm Leadframe-Based Surface Mount ChipLED Broadcom AV02-0378EN 5 Figure 7: Recommended Reflow Soldering Profile Figure 8: Recommended Pb-Free Reflow Soldering Profile NOTE: For detailed information on reflow soldering of Broadcom surface mount LEDs, refer to Broadcom Application Note AN1060, Surface Mounting SMT LED Indicator Components. Figure 9: Tape Dimensions Figure 10: Reeling Orientation 10 SEC. MAX. 4ºC/SEC. MAX. OVER 2 MIN. TIME 140-160 -3ºC/SEC. MAX. 230ºC/ MAX. 4ºC/SEC. MAX. 217ºC 200ºC 60 - 120 SEC. 3ºC/SEC. MAX. (Acc. to J-STD-020C) 150ºC 255 - 260ºC 100 SEC. MAX. 10 to 30 SEC. TIME 6ºC/SEC. MAX. 3ºC/SEC. MAX. 1.50 [0.059] 4.00 [0.157] 4.00 [0.157] 1.75 [0.069] DIM. C [SEE TABLE 1] DIM. A [SEE TABLE] DIM. B [SEE TABLE] 3.50 +/- 0.05 [0.14 +/- 0.002] 8.00 +/- 0.30 [0.315 +/- 0.012] USER FEED DIRECTION COVER TAPE CARRIER TAPE 0.254 +/- 0.02 [0.01 +/- 0.001] Diam. 0.60 +/- 0.05 CATHODE SIDE PRINTED LABEL USER FEED DIRECTION |