công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBR3045CTF bảng dữ liệu(PDF) 1 Page - SHIKUES Electronics

tên linh kiện MBR3045CTF
Giải thích chi tiết về linh kiện  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SKTECHNOLGY [SHIKUES Electronics]
Trang chủ  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

MBR3045CTF bảng dữ liệu(HTML) 1 Page - SHIKUES Electronics

  MBR3045CTF Datasheet HTML 1Page - SHIKUES Electronics MBR3045CTF Datasheet HTML 2Page - SHIKUES Electronics MBR3045CTF Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIERS
Reverse Voltage - 40 to 200 V
Forward Current - 30 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified
FEATURES
•
• Low forward voltage drop
• Low power loss, high efficiency
• High surge capability
• High temperature soldering guaranteed
• Mounting position: any
High current capability
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 10cmX10cmX1mm copper pad areas.
Maximum DC Blocking Voltage
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward
Rectified Current
45
V
31.5
V
V
15
30
-55 ~ +150
A
A
V
mA
°C
Units
45
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous
Forward Voltage at 15 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
MBR3040CTF
T = 25
°C
a
T =125
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Tj
TO-220F
Tstg
Storage Temperature Range
60
42
60
100
100
0.70
0.75
0.90
-55 ~ +150
°C
150
105
150
200
140
200
0.1
20
200
70
45
Typical Thermal Resistance
°C/W
RθJA
Typical Junction Capacitance
pF
Cj
600
400
(1)
(2)
TO-220
40
28
40
MBR3040CT
MBR3045CTF
MBR3045CT
MBR3060CTF
MBR3060CT
MBR30100CTF
MBR30100CT
MBR30150CTF
MBR30150CT
MBR30200CTF
MBR30200CT
0.85
0.92
0.05
20
-55 ~ +175
-55 ~ +175
Mechanical data
• Case: TO-220
•
pprox. Weight: 1.9g ( 0.067oz)
• Case: TO-220F
•
pprox. Weight: 2.1g ( 0.07oz)
• Terminals: Lead solderable per MIL-STD-202, Method 20 8
A
A
Per diode
Per device
Per diode
Per diode
A1
K
A2
MBR3040CT/TF THRU MBR30200CT/TF
A1
K A2
A1 K
A2
1 of 3
REV.08
TO-220
TO-220F


Số phần tương tự - MBR3045CTF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
MBR3045CTF-E1 BCDSEMI-MBR3045CTF-E1 Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045CTF-E1 DIODES-MBR3045CTF-E1 Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR3045CTF-E1 DIODES-MBR3045CTF-E1 Datasheet
435Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
logo
BCD Semiconductor Manuf...
MBR3045CTF-G1 BCDSEMI-MBR3045CTF-G1 Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045CTF-G1 DIODES-MBR3045CTF-G1 Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
More results

Mô tả tương tự - MBR3045CTF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com