công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16U4G16256A bảng dữ liệu(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

tên linh kiện M16U4G16256A
Giải thích chi tiết về linh kiện  32M x 16 Bit x 8 Banks DDR4 SDRAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESMT [Elite Semiconductor Memory Technology Inc.]
Trang chủ  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M16U4G16256A bảng dữ liệu(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M16U4G16256A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M16U4G16256A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
ESMT
M16U4G16256A
Elite Semiconductor Memory Technology Inc
Publication Date : Jan. 2020
Revision : 1.1
4/53
Input / Output Functional Description
Symbol
Type
Function
CK_t, CK_c
Input
Clock: CK_t and CK_c are differential clock inputs. All address and control input signals
are sampled on the crossing of the positive edge of CK_t and negative edge of CK_c.
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and
device input buffers and output drivers. Taking CKE Low provides Precharge Power-Down
and Self-Refresh operation (all banks idle), or Active Power-Down (row Active in any
bank). CKE is synchronous for Self-Refresh exit. After VREFCA and Internal DQ Vref have
become stable during the power on and initialization sequence, they must be maintained
during all operations (including Self-Refresh). CKE must be maintained high throughout
read and write accesses. Input buffers, excluding CK_t
during power-down. Input buffers, excluding CKE, are disabled during Self-Refresh.
CS_n
Input
Chip Select: All commands are masked when CS_n is registered HIGH. CS_n provides for
external Rank selection on systems with multiple Ranks. CS_n is considered part of the
command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables RTT_NOM termination resistance
internal to the DDR4 SDRAM. When enabled, ODT is only applied to each DQ, DQS_t,
DQS_c and DM_n/DBI_n/ TDQS_t, NU/TDQS_c (When TDQS is enabled via Mode
Register A11=1 in MR1) signal for x8 configurations. For x16 configuration ODT is applied
to each DQ, DQSU_t, DQSU_c, DQSL_t, DQSL_c, DMU_n, and DML_n signal. The ODT
pin will be ignored if MR1 is programmed to disable RTT_NOM.
ACT_n
Input
Activation Command Input : ACT_n defines the Activation command being entered along
with CS_n. The input into RAS_n, CAS_n/A15 and WE_n/A14 will be considered as Row
Address A15 and A14
RAS_n, CAS_n/A15,
WE_n/A14
Input
Command Inputs: RAS_n, CAS_n/A15 and WE_n/A14 (along with CS_n) define the
command being entered. Those pins have multi function. For example, for activation with
ACT_n Low, those are Addressing like A15, A14 but for non-activation command with
ACT_n High, those are Command pins for Read, Write and other command defined in
command truth table
DM_n/DBI_n
(DMU_n/DBIU_n),
(DML_n/DBIL_n)
Input/Output
Input Data Mask and Data Bus Inversion: DM_n is an input mask signal for write data.
Input data is masked when DM_n is sampled LOW coincident with that input data during a
Write access. DM_nis sampled on both edges of DQS. DM is muxed with DBI function by
Mode Register A10,A11,A12 setting in MR5. For x8 device, the function of DM or TDQS is
enabled by Mode Register A11 setting in MR1. DBI_n is an input/output identifying
whether to store/output the true or inverted data. If DBI_n is LOW, the data will be stored/
output after inversion inside the DDR4 SDRAM and not inverted if DBI_n is HIGH.
BG0 - BG1
Input
Bank Group Inputs : BG0 - BG1 define to which bank group an Active, Read, Write or
Precharge command is being applied. BG0 also determines which mode register is to be
accessed during a MRS cycle. x4/8 have BG0 and BG1 but x16 has only BG0
BA0 - BA1
Input
Bank Address Inputs: BA0 - BA1 define to which bank an Active, Read, Write or Precharge
command is being applied. Bank address also determines which mode register is to be
accessed during a MRS cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com