công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9029BBCZ bảng dữ liệu(PDF) 72 Page - Analog Devices

tên linh kiện ADRV9029BBCZ
Giải thích chi tiết về linh kiện  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ bảng dữ liệu(HTML) 72 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 68Page - Analog Devices ADRV9029BBCZ Datasheet HTML 69Page - Analog Devices ADRV9029BBCZ Datasheet HTML 70Page - Analog Devices ADRV9029BBCZ Datasheet HTML 71Page - Analog Devices ADRV9029BBCZ Datasheet HTML 72Page - Analog Devices ADRV9029BBCZ Datasheet HTML 73Page - Analog Devices ADRV9029BBCZ Datasheet HTML 74Page - Analog Devices ADRV9029BBCZ Datasheet HTML 75Page - Analog Devices ADRV9029BBCZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 72 of 133
–100
100
80
40
60
20
0
–20
–40
–60
–80
BASEBAND OFFSET FREQUENCY (MHz)
–40
–100
–90
–70
–50
–80
–60
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
Figure 280. Receiver Image vs. Baseband Offset Frequency,
Tracking Calibration Active, Sample Rate = 245.76 MSPS
–40
–100
–90
–70
–50
–80
–60
030
25
20
15
10
5
RECEIVER ATTENUATION (dB)
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
Figure 281. Receiver Image vs. Receiver Attenuation, 20 MHz Offset, Tracking
Calibration Active, Sample Rate = 245.76 MSPS
–40
–110
–90
–100
–70
–50
–80
–60
025
20
15
10
5
RECEIVER ATTENUATION (dB)
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
Figure 282. Receiver DC Offset vs. Receiver Attenuation, 20 MHz Offset,
−5 dBFS Input Signal
–40
–110
–90
–100
–70
–50
–80
–60
RECEIVER LO FREQUENCY (MHz)
1800
2800
2700
2500 2600
2400
2300
2200
2100
2000
1900
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
Figure 283. Receiver DC Offset vs. Receiver LO Frequency, 20 MHz Offset,
−5 dBFS Input Signal
–40
–120
–110
–70
–50
–90
–80
–100
–60
–60
60
40
20
0
–20
–40
BASEBAND OFFSET FREQUENCY (MHz)
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
Figure 284. Receiver HD2, Left Side vs. Baseband Offset Frequency,
−5 dBFS Input Signal, Distortion Tone Measured Left of 0 Hz
(HD2 Canceller Not Enabled)
–40
–120
–110
–70
–50
–90
–80
–100
–60
–60
60
40
20
0
–20
–40
BASEBAND OFFSET FREQUENCY (MHz)
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
Figure 285. Receiver HD2, Right Side vs. Baseband Offset Frequency,
−5 dBFS Input Signal, Distortion Tone Measured Right of 0 Hz
(HD2 Canceller Not Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com