công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HER3003PL bảng dữ liệu(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

tên linh kiện HER3003PL
Giải thích chi tiết về linh kiện  30.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Trang chủ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER3003PL bảng dữ liệu(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  HER3003PL Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER3003PL Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TO-247AD/TO-3P
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※
Case: Heatsink TO-247AD/TO-3P Package Outline
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 6.0 gram approximately
HER3002PL thru HER3012PL
Pb Free Plating Product
HER3002PL thru HER3012PL
Pb
30.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "PA"
Suffix "PR"
Suffix "PL"
Suffix "PT"
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.11T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
150
Typical Thermal Resistance (Note 3)
0.75
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x15.0A=30.0A)
30.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
300
Maximum Instantaneous Forward Voltage
@15.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
1.0
100
1.30-1.70
HER3003PL
HER3004PL
HER3002PL
HER3006PL
HER3008PL
HER3010PL
HER3012PL
0.85-1.00
1.00-1.30
1.30-1.70
V
35-50
50-75
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)


Số phần tương tự - HER3003PL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Thinki Semiconductor Co...
HER3003PA THINKISEMI-HER3003PA Datasheet
714Kb / 2P
30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
HER3003PA THINKISEMI-HER3003PA Datasheet
274Kb / 2P
30.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER3003PD THINKISEMI-HER3003PD Datasheet
714Kb / 2P
30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
HER3003PR THINKISEMI-HER3003PR Datasheet
274Kb / 2P
30.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
logo
Won-Top Electronics
HER3003PT WTE-HER3003PT Datasheet
50Kb / 3P
30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Mô tả tương tự - HER3003PL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Thinki Semiconductor Co...
HER2001CS THINKISEMI-HER2001CS Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2001CTS THINKISEMI-HER2001CTS Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2001S THINKISEMI-HER2001S Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER1002CL THINKISEMI-HER1002CL Datasheet
260Kb / 2P
10.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER1602CL THINKISEMI-HER1602CL Datasheet
263Kb / 2P
16.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2002CL THINKISEMI-HER2002CL Datasheet
261Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2002PL THINKISEMI-HER2002PL Datasheet
273Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER3002PA THINKISEMI-HER3002PA Datasheet
274Kb / 2P
30.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER3002PR THINKISEMI-HER3002PR Datasheet
274Kb / 2P
30.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER3002PT THINKISEMI-HER3002PT Datasheet
297Kb / 2P
30.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com