| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H7B0 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7B0 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 4 page ![]() Order code: BRSTM32H7VL1020 © STMicroelectronics - October 2020 - Printed in the United Kingdom - All rights reserved ST and the ST logo are registered and/or unregistered trademarks of STMicroelectronics International NV or its affiliates in the EU and/or elsewhere. In particular, ST and the ST logo are Registered in the US Patent and Trademark Office. For additional information about ST trademarks, please refer to www.st.com/trademarks. All other product or service names are the property of their respective owners. For more information on ST products and solutions, visit www.st.com SECURE YOUR PRODUCTION FLOW WITH SECURE FIRWARE INSTALL (SFI) The STM32Trust ecosystem combines knowledge, design tools, and ready-to-use original ST software to build strong cyber-protection into new IoT devices, leveraging industry best-practices. www.st.com/stm32trust Manage STM32 authentication, rmware decryption and installation FW Encrypted FW ST Hardware Secure Module (HSM) STM32H7 SFI Store encryption key in HSM Customer premises Untrusted environment Encrypted FW transfer HSM physical transfer Authenticate target STM32 Generate installation license HARDWARE TOOLS All existing STM32H7 hardware development tools are fully compatible with the new Value lines. Dedicated tools are also available for the Value lines. http://www.st.com/stm32evaltools Discovery kits Evaluation boards Full feature STM32H7 evaluation Flexible prototyping & demo |