| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SWWVO112E bảng dữ liệu(PDF) 14 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWWVO112E bảng dữ liệu(HTML) 14 Page - Seoul Semiconductor |
|
14 / 24 page ![]() R1.0 January 9, 2020 www.seoulsemicon.com Product Data Sheet SWWVO112E – WICOP 14 Emitter Tape & Reel Packaging (1) Quantity : max 2500 pcs/Reel (Can be blanks, less than 20. and not more than three consecutive blanks) (2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm (3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape at the angle of 10º to the carrier tape (4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package ( Tolerance: ±0.2, Unit: mm ) 180 13 2 22 11.4±1.0 9±0.3 |