công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049PMS bảng dữ liệu(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280049PMS
Giải thích chi tiết về linh kiện  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280049PMS bảng dữ liệu(HTML) 60 Page - Texas Instruments

Back Button F280049PMS Datasheet HTML 56Page - Texas Instruments F280049PMS Datasheet HTML 57Page - Texas Instruments F280049PMS Datasheet HTML 58Page - Texas Instruments F280049PMS Datasheet HTML 59Page - Texas Instruments F280049PMS Datasheet HTML 60Page - Texas Instruments F280049PMS Datasheet HTML 61Page - Texas Instruments F280049PMS Datasheet HTML 62Page - Texas Instruments F280049PMS Datasheet HTML 63Page - Texas Instruments F280049PMS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 230 page
background image
7.6 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX UNIT
Digital and Analog IO
VOH
High-level output voltage
IOH = IOH MIN
VDDIO * 0.8
V
IOH = –100 μA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOL MAX
0.4
V
IOL = 100 µA
0.2
IOH
High-level output source current for all output pins
–4
mA
IOL
Low-level output sink current for all output pins
4
mA
ROH
High-level output impedance for all output pins
70
Ω
ROL
Low-level output impedance for all output pins
70
Ω
VIH
High-level input voltage (3.3 V)
2.0
VDDIO + 0.3
V
VIL
Low-level input voltage (3.3 V)
VSS – 0.3
0.8
V
VHYSTERESIS
Input hysteresis
150
mV
IPULLDOWN
Input current
Inputs with pulldown(1)
VDDIO = 3.3 V
VIN = VDDIO
100
µA
IPULLUP
Input current
Digital inputs with pullup
enabled(1)
VDDIO = 3.3 V
VIN = 0 V
160
µA
Analog inputs with
pullup enabled(1)
VDDA = 3.3 V
VIN = 0 V
160
ILEAK
Pin leakage
All GPIOs except
GPIO23_VSW
Pullups and outputs
disabled
0 V ≤ VIN ≤ VDDIO
2
µA
GPIO23_VSW
45
Analog pins (except
ADCINB3/VDAC and
PGAx_OF)
Analog drivers
disabled
0 V ≤ VIN ≤ VDDA
0.1
ADCINB3/VDAC
2
11
PGAx_OF
0.25
CI
Input capacitance
All digital GPIOs except
GPIO23_VSW
2
pF
GPIO23_VSW
100
Analog pins(2)
VREG, DC-DC, and BOR
VPOR-VDDIO
VDDIO power on reset voltage
2.3
V
VBOR-VDDIO
VDDIO brown out reset voltage
2.81
3.0
V
VVREG
Internal voltage regulator output
Internal VREG On
1.2
V
VDC-DC
Internal switching regulator output
Internal DC-DC On
1.2
V
Efficiency
Power efficiency of internal DC-DC switching
regulator
80%
(1)
See Table 6-9 for a list of pins with a pullup or pulldown.
(2)
The analog pins are specified separately; see Table 7-15.
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com