công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EC3025NPASL bảng dữ liệu(PDF) 2 Page - Carlo Gavazzi Holding AG

tên linh kiện EC3025NPASL
Giải thích chi tiết về linh kiện  Proximity Sensors Capacitive Stainless Steel Housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Trang chủ  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EC3025NPASL bảng dữ liệu(HTML) 2 Page - Carlo Gavazzi Holding AG

  EC3025NPASL Datasheet HTML 1Page - Carlo Gavazzi Holding AG EC3025NPASL Datasheet HTML 2Page - Carlo Gavazzi Holding AG EC3025NPASL Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (30.05.2017)
EC, M30, DC
Wiring Diagrams
NPN
PNP
3 BU
2 WH
4 BK
1 BN
1 BN
2 WH
4 BK
3 BU
Max.
Min.
EC3016xPASL(-1)
EC3025xPASL(-1)
Sensitivity
Tripleshield
Dist.
Sensitivity
Adjustment
(4­wire device backview)
The environments in which
capacitive sensors are install­
ed can often be unstable re­
garding temperature, humidity,
object distance and industrial
(noise) interference. Because
of this, Carlo Gavazzi offers
as standard features in all
TRIPLESHIELD™ capacitive
sensors a user­friendly sen­
sitivity adjustment instead of
having a fixed sensing range,
extended sensing range to
accommodate
mechanically
demanding areas, temperature
stability to ensure minimum
need for adjusting sensitivity
if temperature varies and high
immunity to electromagnetic
interference (EMI).
Note:
Sensors are factory set (de­
fault) to maximum rated sens­
ing range.
Adjustment Guide
Installation Hints
Capacitive sensors have the
unique ability to detect al­
most all materials, either in li­
quid or solid form. Capacitive
sensors can detect metallic
as well as non­metallic ob­
jects, however, their tradition­
al use is for non­metallic ma­
terials such as:
•
Plastic Industry
Resins, regrinds or mould­
ed products.
•
Chemical Industry
Cleansers, fertilisers, liquid
soaps, corrosives and pet­
rochemicals.
•
Wood Industry
Saw dust, paper products,
door and window frames.
•
Ceramic & Glass
Industry
Raw material, clay or finish­
ed products, bottles.
•
Packaging Industry
Package inspection for
level or contents, dry
goods, fruits and vegeta­
bles, dairy products.
Materials are detected due to
their dielectric constant. The
bigger the size of an object,
the higher the density of ma­
terial, the better or easier it is
to detect the object. Nominal
sensing distance for a capac­
itive sensor is referenced to a
grounded metal plate (ST37).
For additional information
regarding dielectric ratings
of materials please refer to
Technical Information.
Dimensions
Cable
E
F
C
D
SW A
LED
Type
A
B
C
D
E
F SW
Ø mm mm mm mm mm mm
EC 3016xPASL(-1) M30 x 1.5 x 50
28
50 13.6 15.4
5
36
EC 3025xPASL(-1) M30 x 1.5 x 50
28
62 13.6 15.4
5
36
C
D
SW A
LED
M12x1
E
Plug



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com