công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F2808NMFS bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F2808NMFS
Giải thích chi tiết về linh kiện  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 10Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 11Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 12Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 13Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 14Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 15Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 16Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 17Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 155 page
background image
7.2 Signal Descriptions
Table 7-1 describes the signals. All digital inputs are TTL-compatible. All outputs are 3.3 V with CMOS levels.
Inputs are not 5-V tolerant.
Table 7-1. Signal Descriptions
NAME
PIN NO.
DESCRIPTION (1)
PZ
PIN #
GGM/
ZGM
BALL #
JTAG
TRST
84
A6
JTAG test reset with internal pulldown. TRST, when driven high, gives the scan system control of the
operations of the device. If this signal is not connected or driven low, the device operates in its
functional mode, and the test reset signals are ignored.
NOTE: Do not use pullup resistors on TRST; it has an internal pull-down device. TRST is an active
high test pin and must be maintained low at all times during normal device operation. An external
pulldown resistor is required on this pin. The value of this resistor should be based on drive strength
of the debugger pods applicable to the design. A 2.2-kΩ resistor generally offers adequate
protection. Since this is application-specific, it is recommended that each target board be validated
for proper operation of the debugger and the application. (I, ↓)
TCK
75
A10
JTAG test clock with internal pullup (I, ↑)
TMS
74
B10
JTAG test-mode select (TMS) with internal pullup. This serial control input is clocked into the TAP
controller on the rising edge of TCK. (I, ↑)
TDI
73
C9
JTAG test data input (TDI) with internal pullup. TDI is clocked into the selected register (instruction
or data) on a rising edge of TCK. (I, ↑)
TDO
76
B9
JTAG scan out, test data output (TDO). The contents of the selected register (instruction or data) are
shifted out of TDO on the falling edge of TCK. (O/Z 8 mA drive)
EMU0
80
A8
Emulator pin 0. When TRST is driven high, this pin is used as an interrupt to or from the emulator
system and is defined as input/output through the JTAG scan. This pin is also used to put the device
into boundary-scan mode. With the EMU0 pin at a logic-high state and the EMU1 pin at a logic-low
state, a rising edge on the TRST pin would latch the device into boundary-scan mode. (I/O/Z, 8 mA
drive ↑)
NOTE: An external pullup resistor is recommended on this pin. The value of this resistor should be
based on the drive strength of the debugger pods applicable to the design. A 2.2-kΩ to 4.7-kΩ
resistor is generally adequate. Since this is application-specific, it is recommended that each target
board be validated for proper operation of the debugger and the application.
EMU1
81
B7
Emulator pin 1. When TRST is driven high, this pin is used as an interrupt to or from the emulator
system and is defined as input/output through the JTAG scan. This pin is also used to put the device
into boundary-scan mode. With the EMU0 pin at a logic-high state and the EMU1 pin at a logic-low
state, a rising edge on the TRST pin would latch the device into boundary-scan mode. (I/O/Z, 8 mA
drive ↑)
NOTE: An external pullup resistor is recommended on this pin. The value of this resistor should be
based on the drive strength of the debugger pods applicable to the design. A 2.2-kΩ to 4.7-kΩ
resistor is generally adequate. Since this is application-specific, it is recommended that each target
board be validated for proper operation of the debugger and the application.
FLASH
VDD3VFL
96
C4
3.3-V Flash Core Power Pin. This pin should be connected to 3.3 V at all times. On the ROM
parts (C280x), this pin should be connected to VDDIO.
TEST1
97
A3
Test Pin. Reserved for TI. Must be left unconnected. (I/O)
TEST2
98
B3
Test Pin. Reserved for TI. Must be left unconnected. (I/O)
CLOCK
XCLKOUT
66
E8
Output clock derived from SYSCLKOUT. XCLKOUT is either the same frequency, one-half the
frequency, or one-fourth the frequency of SYSCLKOUT. This is controlled by the bits 1, 0
(XCLKOUTDIV) in the XCLK register. At reset, XCLKOUT = SYSCLKOUT/4. The XCLKOUT signal
can be turned off by setting XCLKOUTDIV to 3. Unlike other GPIO pins, the XCLKOUT pin is not
placed in high-impedance state during a reset. (O/Z, 8 mA drive).
XCLKIN
90
B5
External Oscillator Input. This pin is used to feed a clock from an external 3.3-V oscillator. In this
case, tie the X1 pin to GND. Alternately, when a crystal/resonator is used (or if an external 1.8-V
oscillator is fed into the X1 pin), tie the XCLKIN pin to GND. (I)
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com