công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28027DASR bảng dữ liệu(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28027DASR
Giải thích chi tiết về linh kiện  TMS320F2802x Microcontrollers
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DASR bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button TMS320F28027DASR Datasheet HTML 36Page - Texas Instruments TMS320F28027DASR Datasheet HTML 37Page - Texas Instruments TMS320F28027DASR Datasheet HTML 38Page - Texas Instruments TMS320F28027DASR Datasheet HTML 39Page - Texas Instruments TMS320F28027DASR Datasheet HTML 40Page - Texas Instruments TMS320F28027DASR Datasheet HTML 41Page - Texas Instruments TMS320F28027DASR Datasheet HTML 42Page - Texas Instruments TMS320F28027DASR Datasheet HTML 43Page - Texas Instruments TMS320F28027DASR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 135 page
background image
Note
Code Security Module Disclaimer
THE CODE SECURITY MODULE (CSM) INCLUDED ON THIS DEVICE WAS DESIGNED TO
PASSWORD PROTECT THE DATA STORED IN THE ASSOCIATED MEMORY (EITHER ROM OR
FLASH) AND IS WARRANTED BY TEXAS INSTRUMENTS (TI), IN ACCORDANCE WITH ITS
STANDARD TERMS AND CONDITIONS, TO CONFORM TO TI'S PUBLISHED SPECIFICATIONS
FOR THE WARRANTY PERIOD APPLICABLE FOR THIS DEVICE.
TI DOES NOT, HOWEVER, WARRANT OR REPRESENT THAT THE CSM CANNOT BE
COMPROMISED OR BREACHED OR THAT THE DATA STORED IN THE ASSOCIATED MEMORY
CANNOT BE ACCESSED THROUGH OTHER MEANS. MOREOVER, EXCEPT AS SET FORTH
ABOVE, TI MAKES NO WARRANTIES OR REPRESENTATIONS CONCERNING THE CSM OR
OPERATION OF THIS DEVICE, INCLUDING ANY IMPLIED WARRANTIES OF MERCHANTABILITY
OR FITNESS FOR A PARTICULAR PURPOSE.
IN NO EVENT SHALL TI BE LIABLE FOR ANY CONSEQUENTIAL, SPECIAL, INDIRECT,
INCIDENTAL, OR PUNITIVE DAMAGES, HOWEVER CAUSED, ARISING IN ANY WAY OUT OF
YOUR USE OF THE CSM OR THIS DEVICE, WHETHER OR NOT TI HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGES. EXCLUDED DAMAGES INCLUDE, BUT ARE NOT LIMITED
TO LOSS OF DATA, LOSS OF GOODWILL, LOSS OF USE OR INTERRUPTION OF BUSINESS OR
OTHER ECONOMIC LOSS.
9.1.10 Peripheral Interrupt Expansion (PIE) Block
The PIE block serves to multiplex numerous interrupt sources into a smaller set of interrupt inputs. The PIE block
can support up to 96 peripheral interrupts. On the F2802x, 33 of the possible 96 interrupts are used by
peripherals. The 96 interrupts are grouped into blocks of 8 and each group is fed into 1 of 12 CPU interrupt lines
(INT1 to INT12). Each of the 96 interrupts is supported by its own vector stored in a dedicated RAM block that
can be overwritten by the user. The vector is automatically fetched by the CPU on servicing the interrupt. It takes
8 CPU clock cycles to fetch the vector and save critical CPU registers. Hence the CPU can quickly respond to
interrupt events. Prioritization of interrupts is controlled in hardware and software. Each individual interrupt can
be enabled/disabled within the PIE block.
9.1.11 External Interrupts (XINT1–XINT3)
The devices support three masked external interrupts (XINT1–XINT3). Each of the interrupts can be selected for
negative, positive, or both negative and positive edge triggering and can also be enabled/disabled. These
interrupts also contain a 16-bit free running up counter, which is reset to zero when a valid interrupt edge is
detected. This counter can be used to accurately time stamp the interrupt. There are no dedicated pins for the
external interrupts. XINT1, XINT2, and XINT3 interrupts can accept inputs from GPIO0–GPIO31 pins.
9.1.12 Internal Zero Pin Oscillators, Oscillator, and PLL
The device can be clocked by either of the two internal zero-pin oscillators, an external oscillator, or by a crystal
attached to the on-chip oscillator circuit (48-pin devices only). A PLL is provided supporting up to 12 input-clock-
scaling ratios. The PLL ratios can be changed on-the-fly in software, enabling the user to scale back on
operating frequency if lower power operation is desired. Refer to Section 8, Electrical Specifications, for timing
details. The PLL block can be set in bypass mode.
9.1.13 Watchdog
Each device contains two watchdogs: CPU watchdog that monitors the core and NMI watchdog that is a missing
clock-detect circuit. The user software must regularly reset the CPU watchdog counter within a certain time
frame; otherwise, the CPU watchdog generates a reset to the processor. The CPU watchdog can be disabled if
necessary. The NMI watchdog engages only in case of a clock failure and can either generate an interrupt or a
device reset.
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com