| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9546/PCBZ bảng dữ liệu(PDF) 173 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546/PCBZ bảng dữ liệu(HTML) 173 Page - Analog Devices |
|
173 / 205 page ![]() Data Sheet AD9546 Rev. 0 | Page 173 of 205 Using C1 as an example, convert C1 = −2.8927765 × 10−6 to its corresponding register values. First, check that C1 is greater than the quantization limit. 1 log | | 1 log 2 C E = + = 1 2 log | 10 8927765 . 2 | log 6 + × − − = −18 This value is greater than the quantization limit of −127. Therefore, C1_E = E = −18 = 0xEE (hexadecimal) C1_S = round(C1 × 215 − E) = round(−2.8927765 × 10−6 × 215 − (−18)) = −24,849 = 0x9EEF (hexadecimal) Using C2 as an example, convert C2 = –1.9110192 × 10−7 to its corresponding register values. First, check that C2 is greater than the quantization limit. 2 log | | 1 log 2 C E = + = 1 2 log | 10 9110192 . 1 | log 7 + × − − = −22 This value is greater than the quantization limit of −127. Therefore, C2_E = E = −22 = 0xEA (hexadecimal) C2_S = round(C2 × 215 − E) = round(−1.9110192 × 10−7 × 215 − (−22)) = −26,265 = 0x9967 (hexadecimal) Using C3 as an example, convert C3 = 2.2493907 × 10−9 to its corresponding register values. First, check that C3 is greater than the quantization limit. E = 1 2 log | | log 3 + C = 1 2 log | 10 2493907 . 2 | log 9 + × − = −28 This value is greater than the quantization limit of −127. Therefore, C3_E = E = −28 = 0xE4 (hexadecimal) C3_S = round(C3 × 215 – E) = round(2.2493907 × 10−9 × 215− (−28)) = 19,786 = 0x4D4A (hexadecimal) Using C4 as an example, convert C4 = 2.7943570 × 10−11 to its corresponding register values. First, check that C4 is greater than the quantization limit. 4 log | | 1 log 2 C E = + = 1 2 log | 10 7943570 . 2 | log 11 + × − = −35 This value is greater than the quantization limit of −127. Therefore, C4_E = E = −35 = 0xDD (hexadecimal) C4_S = round(C4 × 215 − E) = round(2.7943570 × 10−11 × 215 − (−35)) = 31,462 = 0x7AE6 (hexadecimal) Using C5 as an example, convert C5 = −2.4817310 × 10−13 to its corresponding register values. First, check that C5 is greater than the quantization limit. 5 log | | 1 log 2 C E = + 13 log | 2.4817310 10 | 1 log 2 − −× = + = −41 This value is greater than the quantization limit of −127. Therefore, C5_E = E = −41 = 0xD7 (hexadecimal) C5_S = round(C5 × 215 − E) = round(−2.4817310 × 10−13 × 215 − (−41)) = −17,883 = 0xBA25 (hexadecimal) |