| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9546BCPZ bảng dữ liệu(PDF) 86 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546BCPZ bảng dữ liệu(HTML) 86 Page - Analog Devices |
|
86 / 205 page ![]() AD9546 Data Sheet Rev. 0 | Page 86 of 205 REFERENCE MONITOR RESET The reference monitor associated with a specific reference resets under certain conditions. A reset restarts the period and jitter estimation process for the reference monitor. The following list indicates the conditions that cause the reference monitor to reset (also shown in Figure 60): • When the system clock indicates unstable status • When the user changes the mode of the input receiver, the R divider value, the tREF value, the ΔtREF value, the jitter tolerance value, or the hysteresis value • Optionally, when the reference experiences a significant phase step as determined by the DPLL (assuming the user enables phase step detection via Bit 7 of Register 0x2105 and Register 0x2205). The last item requires that the user program a nonzero phase step limit value. See the Phase Step Limit section for details regarding the phase step limit feature. |