công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3302T-I/ST bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện MCP3302T-I/ST
Giải thích chi tiết về linh kiện  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302T-I/ST bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button MCP3302T-I/ST Datasheet HTML 11Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 12Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 13Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 14Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 15Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 16Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 17Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 18Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 15
MCP3302/04
4.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 4-1.
TABLE 4-1:
PIN FUNCTION TABLE
4.1
CH0-CH7
Analog input channels. These pins have an absolute
voltage range of VSS - 0.3V to VDD + 0.3V. The full scale
differential input range is defined as the absolute value
of (IN+) - (IN-). This difference can not exceed the
value of VREF - 1 LSB or digital code saturation will
occur.
4.2
DGND
Ground connection to internal digital circuitry. To
ensure accuracy this pin must be connected to the
same ground as AGND. If an analog ground plane is
available, it is recommended that this device be tied to
the analog ground plane in the circuit. See Section 6.6
for more information regarding circuit layout.
4.3
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low. This pin will end a con-
version and put the device in low power standby when
pulled high. The CS/SHDN pin must be pulled high
between conversions and cannot be tied low for multi-
ple conversions. See Figure 7-2 for serial communica-
tion protocol.
4.4
Serial Data Input (DIN)
The SPI port serial data input pin is used to clock in
input channel configuration data. Data is latched on the
rising edge of the clock. See Figure 7-2 for serial com-
munication protocol.
4.5
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place. See Figure 7-2 for serial communication
protocol.
4.6
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and to
clock out each bit of the conversion as it takes place.
See Section 6.2 for constraints on clock speed. See
Figure 7-2 for serial communication protocol.
4.7
AGND
Ground connection to internal analog circuitry. To
ensure accuracy, this pin must be connected to the
same ground as DGND. If an analog ground plane is
available, it is recommended that this device be tied to
the analog ground plane in the circuit. See Section 6.6
for more information regarding circuit layout.
4.8
Voltage Reference (VREF)
This input pin provides the reference voltage for the
device, which determines the maximum range of the
analog input signal and the LSB size.
The LSB size is determined according to the equation
shown below. As the reference input is reduced, the
LSB size is reduced accordingly.
EQUATION
When using an external voltage reference device, the
system designer should always refer to the manufac-
turer’s recommendations for circuit layout. Any instabil-
ity in the operation of the reference device will have a
direct effect on the accuracy of the ADC conversion
results.
4.9
VDD
The voltage on this pin can range from 2.7 to 5.5V. To
ensure accuracy, a 0.1
µF ceramic bypass capacitor
should be placed as close as possible to the pin. See
Section 6.6 for more information regarding circuit lay-
out.
Name
Function
CH0-CH7
Analog Inputs
DGND
Digital Ground
CS/SHDN
Chip Select / Shutdown Input
DIN
Serial Data In
DOUT
Serial Data Out
CLK
Serial Clock
AGND
Analog Ground
VREF
Reference Voltage Input
VDD
+2.7V to 5.5V Power Supply
LSB Size =
2 x VREF
8192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com