công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC8221XHH bảng dữ liệu(PDF) 20 Page - Microsemi Corporation

tên linh kiện VSC8221XHH
Giải thích chi tiết về linh kiện  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221XHH bảng dữ liệu(HTML) 20 Page - Microsemi Corporation

Back Button VSC8221XHH Datasheet HTML 16Page - Microsemi Corporation VSC8221XHH Datasheet HTML 17Page - Microsemi Corporation VSC8221XHH Datasheet HTML 18Page - Microsemi Corporation VSC8221XHH Datasheet HTML 19Page - Microsemi Corporation VSC8221XHH Datasheet HTML 20Page - Microsemi Corporation VSC8221XHH Datasheet HTML 21Page - Microsemi Corporation VSC8221XHH Datasheet HTML 22Page - Microsemi Corporation VSC8221XHH Datasheet HTML 23Page - Microsemi Corporation VSC8221XHH Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
20 of 26
26
Table 8. Serial Management interface Signals
100 TFBGA
BALL
Signal Name
Type
Description
J10
MODDEF1/
MDC
i
The Functionality of this pin is determined by the value of Mii Register 21E.15
‘SFP MODE’ set at startup using CMODE Hardware Configuration or via the
EEPROM interface.
MODDEF1 - Serial MSA Clock (valid in SFP Mode, when Mii Register 21E.15
= 1).
MODDEF1 is the clock input of the two-wire serial interface for accessing the
PHY’s registers or the EEPROM connected to the EEPROM interface using the
protocol specified in the MSA specification. Although typically operated at
100kHz, MODDEF1 can be operated at a maximum of 1MHz.
MDC - Management Data Clock (valid in iEEE Mode, when Mii Register
21E.15 = 0).
MDC is the clock input of the two wire serial interface for accessing the PHY’s
registers or the EEPROM connected to the EEPROM interface using the Serial
Management interface protocol specified in the iEEE 802.3 specification.
Although typically operated at less than 100kHz due to frequency limitations of
the EEPROM used with the PHY, the PHY registers can be accessed at a
maximum frequency of 1MHz.
J9
MODDEF2/
MDiO
i/O
The Functionality of this pin is determined by the value of Mii Register 21E.15
‘SFP MODE’ set at startup using CMODE Hardware Configuration or via the
EEPROM interface.
MODDEF2 - Serial i/O Data (valid in SFP Mode, when Mii Register 21E.15 =
1).
MODDEF2 is the data line of the two-wire serial interface for accessing the PHY’s
registers or the EEPROM connected to the EEPROM interface using the protocol
specified in the MSA specification. This pin normally requires a 1.5k
Ω to 4.7kΩ
pull-up resistor to VDDiOMiCRO at the Station Manager. The value of the pull-up
resistor depends on the MODDEF1 frequency and the capacitive load on the
MODDEF2 line.
MDiO - Serial i/OP Data (valid in iEEE Mode, when Mii Register 21E.15 = 0).
MDiO is the data line of the two-wire serial interface for accessing the PHY’s
registers or the EEPROM connected to the EEPROM interface using the Serial
Management interface protocol specified in the iEEE 802.3 specification. This pin
normally requires a 1.5k
Ω to 4.7kΩ pull-up resistor to VDDiOMiCRO at the
Station Manager. The value of the pull-up resistor depends on the MDC
frequency and the capacitive load on the MDiO line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com