| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VG6640 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VG6640 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 126 page ![]() Functional description VG6640, VD6640 20/126 DocID023597 Rev 11 • HDR video pipe – Responsible for real-time image data processing at pixel clock rate. Processes the raw pixel data from the ADCs in the CAB. The HDR video pipe contains a set of correction algorithm blocks and dedicated blocks for data coding. – Manages the 22bit to12bit compression using a programmable 32 element PWL table. • Image data transmitters – Video data coders and transmitters, including serial (MIPI) and parallel interfaces. • On chip regulators – Supplies the analog block and the digital core. • Clock and PLL – Provides all the clocks required for the video timing. • Non-volatile memory (NVM) – Stores production test data and part-to-part variation data for image quality enhancement. • Temperature sensors – Allows the application to take decisions based on the sensor temperature. 3.1 Analog video block The custom analog block (CAB) includes the following main functional blocks: • pixel array, see Section 3.1.1 • X, Y address, see Section 3.1.2 • dual column ADCs, see Section 3.1.3 • dual SRAM, see Section 3.1.4 • power management, see Section 3.1.5 • multiple exposure HDR pixel, see Section 3.1.6 |