| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF3440-EP bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3440-EP bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 29 page ![]() 12 Layout 12.1 Layout Guidelines Figure 12-1 illustrates an example of a PCB layout for a data acquisition system using the REF34xx. Some key considerations are: • Connect low-ESR, 0.1-μF ceramic bypass capacitors at IN, OUT_F, VOUT of the REF34xx and REF34xxT. • Decouple other active devices in the system per the device specifications. • Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. • Place the external components as close to the device as possible. This configuration prevents parasitic errors (such as the Seebeck effect) from occurring. • Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if possible, and only make perpendicular crossings when absolutely necessary. 12.2 Layout Example 1 6 2 3 4 GND_F GND_S EN OUT_F IN REF34XX C 5 OUT_S Figure 12-1. REF34xx Layout Example 1 6 2 3 4 NC GND NC VOUT IN REF34XXT 5 NC C C Figure 12-2. REF34xxT Layout Example REF3425, REF3430, REF3433, REF3440, REF3450 SBAS804C – SEPTEMBER 2017 – REVISED FEBRUARY 2021 www.ti.com 20 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450 |