công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASLNHD bảng dữ liệu(PDF) 24 Page - List of Unclassifed Manufacturers

tên linh kiện ASLNHD
Giải thích chi tiết về linh kiện  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

ASLNHD bảng dữ liệu(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ASLNHD Datasheet HTML 20Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 21Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 22Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 23Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 24Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 25Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 26Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 27Page - List of Unclassifed Manufacturers ASLNHD Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
39
ø30 Series Illuminated Pushbuttons ø30
Incandescent
Push Turn Lock Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
ALNL
BA9S
Push Turn Lock
Without Lamp
1NO-1NC
ALN9L911➁
See page 75 for
lamps.
2NO
ALN9L920➁
2NC
ALN9L902➁
Incandescent
1NO-1NC
ALN➂11➁
LS-*
2NO
ALN➂20➁
2NC
ALN➂02➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens Color Code
➂ Operating Voltage Code
Input
Specify a lens color code in place of ➁.
G: green
O: orange
R: red
S:
blue
W: white
6L6: 6V AC/DC
8L8: 12V AC/DC
3L3: 24V AC/DC
Full voltage
1L6: 100/110V AC
12L6: 120V AC
2L6: 200/220V AC
24L6: 240V AC
38L6: 380V AC
4L6: 400/440V AC
48L6: 480V AC
Transformer
•
Push Turn Lock: Knob is maintained when turned clockwise in the depressed position and is reset when turned counterclockwise.
Dimensions
90 (4 blocks)
67 (2 blocks)
25
Panel Thickness 0.8 to 5
6
23
M3 Terminal Screw
M3.5 Terminal Screw
40
M3.5 Terminal
Screws
101 (2 blocks)
124 (4 blocks)
23
Panel Thickness 0.8 to 5
25
40
ALN*L
BA9S/Full Voltage
ALN*L
BA9S/Transformer
All dimensions in mm.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com