| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MX575ANN bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MX575ANN bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 28 page ![]() 2018 Microchip Technology Inc. DS20005972A-page 17 MX55/57 RECOMMENDED LAND PATTERN Dimension Limits Units Contact Pitch MILLIMETERS 1.27 BSC MIN E MAX Contact Pad Length (X6) Contact Pad Width (X6) Y X 1.25 0.75 Microchip Technology Drawing C04-3068A NOM SILK SCREEN C Contact Pad Spacing 2.35 Spacing Between Pads (X4) G1 0.52 Spacing Between Pads (X3) G2 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during reflow process 1. 2. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: E C Y X G1 1.10 6-Lead Low Profile Land Grid Array (ANA) - 5.0x3.2 mm Body [LLGA] G2 6 12 |