công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MX555ABF bảng dữ liệu(PDF) 17 Page - Microchip Technology

tên linh kiện MX555ABF
Giải thích chi tiết về linh kiện  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX555ABF bảng dữ liệu(HTML) 17 Page - Microchip Technology

Back Button MX555ABF Datasheet HTML 13Page - Microchip Technology MX555ABF Datasheet HTML 14Page - Microchip Technology MX555ABF Datasheet HTML 15Page - Microchip Technology MX555ABF Datasheet HTML 16Page - Microchip Technology MX555ABF Datasheet HTML 17Page - Microchip Technology MX555ABF Datasheet HTML 18Page - Microchip Technology MX555ABF Datasheet HTML 19Page - Microchip Technology MX555ABF Datasheet HTML 20Page - Microchip Technology MX555ABF Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005972A-page 17
MX55/57
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
Contact Pad Length (X6)
Contact Pad Width (X6)
Y
X
1.25
0.75
Microchip Technology Drawing C04-3068A
NOM
SILK SCREEN
C
Contact Pad Spacing
2.35
Spacing Between Pads (X4)
G1
0.52
Spacing Between Pads (X3)
G2
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
C
Y
X
G1
1.10
6-Lead Low Profile Land Grid Array (ANA) - 5.0x3.2 mm Body [LLGA]
G2
6
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28