| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LE-6 bảng dữ liệu(PDF) 28 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LE-6 bảng dữ liệu(HTML) 28 Page - List of Unclassifed Manufacturers |
|
28 / 51 page ![]() 43 ø30 Series Selector Switches ø30 ASN Selector Switches (Knob Operator) 45° 3-position Package Quantity: 1 Shape Contact Arrangement Chart Contact Code Contact Block Operator Position Maintained Spring Return from Left Maintained Spring Return from Right Mounting Position Contact L R C C L R C L R C L R C L R 11 (1NO-1NC) 1 NO ● *ASN111 *ASN211 2 NC ● 20 (2NO) 1 NO ● ASN120-T ASN220-T 2 NO ● 22 (2NO-2NC) 1 NO ● *ASN122 *ASN222 2 NO ● 3 NC ● 4 NC ● 40 (4NO) 1 NO ● ASN140-T ASN240-T 2 NO ● 3 NO ● 4 NO ● 22 (2NO-2NC) 1 NO ● ASN15S ASN25S 2 NO ● 3 NC 4 NC 02 (2NC) 1 NC ASN17S ASN27S 2 NC 04 (4NC) 1 NC ASN18S ASN28S 2 NC 3 NC 4 NC 11 (1NO-1NC) 1 NO ● *ASN1011 *ASN2011 2 NC ● 02 (2NC) 1 NC ● — ASN2002-T 2 NC ● 22 (2NO-2NC) 1 NO ● *ASN1022 *ASN2022 2 NC ● 3 NO ● 4 NC ● 04 (4NC) 1 NC ● — ASN2004-T 2 NC ● 3 NC ● 4 NC ● 22 (2NO-2NC) 1 NO ● ASN105S ASN205S 2 NO ● 3 NC 4 NC 02 (2NC) 1 NC ASN107S ASN20L7S 2 NC 04 (4NC) 1 NC ASN108S ASN208S 2 NC 3 NC 4 NC ASN-T are twin-rod units. Single rods are available for the same circuit (marked with *) but different contacts are used. •Knob: Black •Round bezel (metal): Chrome-plated •Units marked with and part numbers with "-T" differ in shape. See page 48 for dimensions. •Nameplates are ordered separately. 1 3 2 4 ASN ø30 ø30 (14/03/18) |