| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA191 bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA191 bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 41 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Feb-2021 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples INA191A1IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1E3 INA191A2IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1E2 INA191A3IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1E4 INA191A4IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1E5 INA191A5IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1E6 INA2191A1IYBJR PREVIEW DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 INA2191A2IYBJR PREVIEW DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 INA2191A3IYBJR PREVIEW DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 INA2191A4IYBJR PREVIEW DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 INA2191A5IYBJR PREVIEW DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 PINA2191A1IYBJR ACTIVE DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 PINA2191A2IYBJR ACTIVE DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 PINA2191A3IYBJR ACTIVE DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 PINA2191A4IYBJR ACTIVE DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 PINA2191A5IYBJR ACTIVE DSBGA YBJ 12 3000 RoHS (In work) & Non-Green Call TI Call TI -40 to 125 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. |