công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB32CLN20TO bảng dữ liệu(PDF) 2 Page - Carlo Gavazzi Holding AG

tên linh kiện CB32CLN20TO
Giải thích chi tiết về linh kiện  Proximity Sensors Capacitive, ATEX Thermoplastic Polyester Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Trang chủ  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CB32CLN20TO bảng dữ liệu(HTML) 2 Page - Carlo Gavazzi Holding AG

  CB32CLN20TO Datasheet HTML 1Page - Carlo Gavazzi Holding AG CB32CLN20TO Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (23.11.2020)
Delivery Contents
• Capacitive switch: CB32CL...
• Screw driver
• Packaging: Plastic bag
• Installation & Adjustment Guide
Wiring Diagrams
CB, Ø32, AC
The environments in which
capacitive sensors are install-
ed can often be unstable re-
garding temperature, humidity,
object distance and industrial
(noise) interference. Because
of this, Carlo Gavazzi offers
as standard features in all
TRIPLESHIELD™ capacitive
sensors a user-friendly sensi-
tivity adjustment instead of
having
a
fixed
sensing range, extended sen-
sing range to accommodate
mechanically demanding are-
as, temperature stability to
ensure minimum need for
adjusting sensitivity if temper-
ature varies and high immun-
ity to electromagnetic interfer-
ence (EMI).
Adjustment Guide
Installation Hints
Capacitive sensors have the
unique ability to detect al-
most all materials, either in li-
quid or solid form. Capacitive
sensors can detect metallic
as well as non-metallic ob-
jects, however, their traditi-
onal use is for non-metallic
materials such as:
•
Plastic Industry
Resins, regrinds or moulded
products.
•
Agriculture
Feed, solids or grain.
•
Wood Industry
Saw dust, paper products,
door and window frames.
Materials are detected due to
their dielectric constant. The
bigger the size of an object,
the higher the density of ma-
terial, the better or easier it is
to detect the object. Nominal
sensing distance for a capaci-
tive sensor is referenced to a
grounded metal plate (ST37).
For
additional
information
regarding dielectric ratings
of materials please refer to
Technical Information.
98,5
101
2000
LED
2 x SENSIT
Dimensions
CB32CLN20TC(FT)
CB32CLN20TO(FT)
BN (3)
BN (3)
BU (2)
BU (2)
Relief of cable strain
Protection of the sensing face
Switch mounted on mobile carrier
To avoid interference from inductive voltage/
current peaks, separate the prox. switch pow-
er cables from any other power cables, e.g.
motor, contactor or solenoid cables
Incorrect
Correct
The cable should not be pulled
A proximity switch should not serve as
mechanical stop
Any repetitive flexing of the
cable should be avoided
LED
DISTANCE
2 - 20 mm



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com