| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW0C1MX bảng dữ liệu(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
STW0C1MX bảng dữ liệu(HTML) 1 Page - Seoul Semiconductor |
|
1 / 24 page ![]() Product Brief Description Key Applications Features and Benefits Rev1.1, April 15, 2019 www.seoulsemicon.com 1 STW0C1MX – 3030X Applicable for automotive exterior light STW0C1MX 3030X Series • This White Colored surface-mount LED comes in standard package dimension. Package Size : 3.0x3.0x0.65mm • It has a substrate made up of a molded epoxy reflector sitting on top of a lead frame. • The die is attached within the reflector cavity and the cavity is encapsulated by silicone. • The package design coupled with careful selection of component materials allow these products to perform with high reliability. • SMD epoxy package • Low Thermal Resistance • ESD Class 3B • MSL 2 Level • Viewing angle 120 ◦ • RoHS compliant • Automotive Lighting RoHS AEC-Q102 |
Số phần tương tự - STW0C1MX |
|
Mô tả tương tự - STW0C1MX |