| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
25M431K bảng dữ liệu(PDF) 5 Page - HuaXinAn Electronics CO.,LTD |
|
|
|||||||||||||||||||||||||||||
25M431K bảng dữ liệu(HTML) 5 Page - HuaXinAn Electronics CO.,LTD |
|
5 / 5 page ![]() TMOV 25M(E,N)Series Mechanical Characteristics Items Test conditions / Methods Specifications Tensile Strength of Terminals Gradually applying the force specified and keeping the unit fixed for 10±1 sec. Terminal diameter (mm) Force(kg) 0.5<d≤0.8 1.0 0.8<d≤1.25 2.0 1.25<d 4.0 No visible damage |ΔV1mA/V1mA |≤5% Bending Strength of Terminals Hold specimen and apply the force specified below to each lead. Bend the specimen to 90°, then return to the original position. Repeat the procedure in the opposite direction. Terminal diameter (mm) Force(kg) 0.5<d≤0.8 1.0 0.8<d≤1.25 2.0 1.25<d 4.0 No visible damage |ΔV1mA/V1mA |≤5% Vibration Frequency range: 10~55 Hz Amplitude: 0.75mm or 98m/s2 Direction: 3 mutually perpendicular directions, 2hrs each. No visible damage |ΔV1mA/V1mA |≤5% Solder ability Solder Temp: 245±5℃ Dipping Time: 2±0.5 sec At least 95% of terminal electrode is covered by new solder Resistance to Soldering Heat Solder Temp: 260±5℃ Dipping Time: ≤5 sec No visible damage |ΔV1mA/V1mA |≤10% Reliability Items Test conditions / Methods Specifications High Temperature Storage Ambient Temp: 85±2℃ Duration: 1000hrs |ΔV1mA/V1mA |≤5% Low Temperature Storage Ambient Temp: -40±2℃ Duration: 1000hrs |ΔV1mA/V1mA |≤5% Humidity Ambient Temp: 40±2℃, 90~95% R.H. Duration: 1000hrs |ΔV1mA/V1mA |≤5% Temperature Cycle The conditions shown below shall be repeated 5 cycles Step Temperature (℃) Period (minutes) 1 -40±3 30±3 2 Room temperature 15±3 3 85±3 30±3 4 Room temperature 15±3 No visible damage |ΔV1mA/V1mA |≤5% High Temperature Load Ambient Temp: 85±2℃ Duration: 1000hrs Load: Max. Allowable Voltage In AC eara. |ΔV1mA/V1mA |≤10% Damp Heat Load Ambient Temp: 40±2℃, 90~95% R.H. Duration: 1000hrs Load: Max. Allowable Voltage No visible damage |ΔV1mA/V1mA |≤10% Voltage Proof Metal balls method, 2500Vac 1 min. No visible damage Specifications are subject to change without notice 5 Tel: +86-755-27465585 HUAAN LIMITED www.huaandz.com Email: sales@huaandz.com |