công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLS89SP032G3 bảng dữ liệu(PDF) 6 Page - Greenliant systems

tên linh kiện GLS89SP032G3
Giải thích chi tiết về linh kiện  Industrial Temp 2.5 SATA ArmourDrive PX Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLIANT [Greenliant systems]
Trang chủ  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS89SP032G3 bảng dữ liệu(HTML) 6 Page - Greenliant systems

  GLS89SP032G3 Datasheet HTML 1Page - Greenliant systems GLS89SP032G3 Datasheet HTML 2Page - Greenliant systems GLS89SP032G3 Datasheet HTML 3Page - Greenliant systems GLS89SP032G3 Datasheet HTML 4Page - Greenliant systems GLS89SP032G3 Datasheet HTML 5Page - Greenliant systems GLS89SP032G3 Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Factsheet 01.002
July 2019
These specifications are subject to change without notice.
07/08/2019
© 2019 Greenliant
6
S71465-01
GLS FS0019 Rev. 00
GLS89SP032G3/064G3/128G3/256G3/512G3/001T3
Industrial Temp 2.5” SATA ArmourDrive™ PX Series
Revision History
Revision
Description
Date
01.000 Initial Release as Factsheet
January 31, 2019
01.001 Updated Features descriptions on page 1
June 5, 2019
01.002 Updated Features descriptions on page 1
July 8, 2019
© 2019 Greenliant. All rights reserved.
Greenliant and the Greenliant logo are registered trademarks, and ArmourDrive is a trademark of Greenliant. All
other trademarks and registered trademarks are the property of their respective owners.
Specifications are subject to change without notice. Memory sizes denote raw storage capacity; actual usable
capacity may be less.
Greenliant makes no warranty for the use of its products other than those expressly contained in the Greenliant
Terms and Conditions of Sale.
www.greenliant.com



Html Pages

1 2 3 4 5 6