công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLS85LS1016C bảng dữ liệu(PDF) 4 Page - Greenliant systems

tên linh kiện GLS85LS1016C
Giải thích chi tiết về linh kiện  Industrial Temp SATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLIANT [Greenliant systems]
Trang chủ  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1016C bảng dữ liệu(HTML) 4 Page - Greenliant systems

  GLS85LS1016C Datasheet HTML 1Page - Greenliant systems GLS85LS1016C Datasheet HTML 2Page - Greenliant systems GLS85LS1016C Datasheet HTML 3Page - Greenliant systems GLS85LS1016C Datasheet HTML 4Page - Greenliant systems GLS85LS1016C Datasheet HTML 5Page - Greenliant systems GLS85LS1016C Datasheet HTML 6Page - Greenliant systems GLS85LS1016C Datasheet HTML 7Page - Greenliant systems GLS85LS1016C Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary Factsheet 02.100
January 2020
These specifications are subject to change without notice.
01/03/2020
© 2020 Greenliant
4
S71451-01
GLS FS0019 Rev. 00
GLS85LS1008C / 1016C / 1032C / 1064C / 1128C
Industrial Temp SATA NANDrive™ MX Series
2.0
APPENDIX
2.1
Product Ordering Information
GLS 85 LS 1
xxxC - M - C - xxJE - NDxxx
XX XX X XXXX - X - X - XXXX - XXXXX
Ordering Code
1)
NDxxx = NANDrive Revision
EDxxx = Evaluation Board Revision
Environmental Attribute
E = non-Pb solder (RoHS Compliant)
Package Modifier
BJ / ZJ = 145-ball positions
Package Type
L = LBGA
F = FBGA
Operating Temperature
I = Industrial: -40°C to +85°C
NAND Configuration
M = 2 bits per cell
Product Generation
C = Generation
Capacity
008 = 8 GByte
016 = 16 GByte
032 = 32 GByte
064 = 64 GByte
128 = 128 GByte
GByte Designator
1 = GByte
Interface
S = SATA
Voltage
L = 3.3V
Product Family
85 = NANDrive
1)
Note that the top side marking on the package typically does not include ordering codes (e.g. NDxxx), unless it is a special C-SPEC
(custom specification) which is required by the end-customer to be marked on the device.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com