công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F4482LKGI bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp

tên linh kiện F4482LKGI
Giải thích chi tiết về linh kiện  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482LKGI bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp

Back Button F4482LKGI Datasheet HTML 35Page - Renesas Technology Corp F4482LKGI Datasheet HTML 36Page - Renesas Technology Corp F4482LKGI Datasheet HTML 37Page - Renesas Technology Corp F4482LKGI Datasheet HTML 38Page - Renesas Technology Corp F4482LKGI Datasheet HTML 39Page - Renesas Technology Corp F4482LKGI Datasheet HTML 40Page - Renesas Technology Corp F4482LKGI Datasheet HTML 41Page - Renesas Technology Corp F4482LKGI Datasheet HTML 42Page - Renesas Technology Corp F4482LKGI Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
39
December 15, 2020
SPI Timing Intervals
Figure 79 shows the relevant SPI timing intervals which are specified in Table 10.
Note: The F4482 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise when the device is not being programmed.
When CSb is high (> VIH), the CLK input is disabled and serial data (DATA) is not clocked into the shift register. It is recommended that CSb be
pulled high (> VIH) when the device is not being programmed.
Figure 79. Serial Register Timing Diagram (Timing Spec Intervals are denoted in Blue)
Table 10. SPI Timing Diagram Values for the Serial Mode
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
CLK Frequency
fC
20
MHz
CLK High Duration Time
tCH
20
ns
CLK Low Duration Time
tCL
20
ns
DATA to CLK Setup Time
tS
10
ns
CLK Period [a]
tP
40
ns
CLK to DATA Hold Time
tH
10
ns
Final CLK Rising Edge to CSb Rising
Edge
tCLS
10
ns
CSb to CLK Setup Time
tLS
10
ns
CSb Trigger Pulse Width
tL
10
ns
CSb Trigger to CLK Setup Time [b]
tLC
10
ns
[a] (TCH + TCL) ≥ 1/FC
[b] Once all desired DATA is clocked in, tLC represents the time a CSb high needs to occur before any subsequent CLK signals.
tH
tP
tCLS
tLC
tS
tCH
tCL
MSB
LSB
tLS
tL
tL
Time
CLK
DATA
CSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com