công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F2977 bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện F2977
Giải thích chi tiết về linh kiện  High Linearity Broadband SP2T 30MHz to 6GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2977 bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button F2977 Datasheet HTML 7Page - Renesas Technology Corp F2977 Datasheet HTML 8Page - Renesas Technology Corp F2977 Datasheet HTML 9Page - Renesas Technology Corp F2977 Datasheet HTML 10Page - Renesas Technology Corp F2977 Datasheet HTML 11Page - Renesas Technology Corp F2977 Datasheet HTML 12Page - Renesas Technology Corp F2977 Datasheet HTML 13Page - Renesas Technology Corp F2977 Datasheet HTML 14Page - Renesas Technology Corp F2977 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
F2977 Datasheet
© 2017 Integrated Device Technology, Inc.
11
Rev O May 19, 2017
Control Mode
Table 8.
Switch Control Truth Table
VCTL (pin 7)
EN (pin 8)
Switch State
LOW
HIGH
RFC to RF1 Insertion Loss State
HIGH
HIGH
RFC to RF2 Insertion Loss State
Don’t Care
LOW
Standby
Application Information
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be bypassed with external capacitors to
minimize noise and fast transients. Supply noise can degrade noise figure and fast transients can trigger ESD clamps and cause them to fail.
Supply voltage change or transients should have a slew rate smaller than 1V / 20 s. In addition, all control pins should remain at 0V (+/- 0.3V)
while the supply voltage ramps up or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
at the input of each control pin is recommended. This applies to control pins 7 and 8 as shown below.
Figure 16. Control Pin Interface Schematic
VCC
F2972
GND
RFC
GND
EP
EN
VCTL
&
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com