công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1490 bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện F1490
Giải thích chi tiết về linh kiện  High Gain RF Amplifier 1.8GHz to 5.0GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 5Page - Renesas Technology Corp F1490 Datasheet HTML 6Page - Renesas Technology Corp F1490 Datasheet HTML 7Page - Renesas Technology Corp F1490 Datasheet HTML 8Page - Renesas Technology Corp F1490 Datasheet HTML 9Page - Renesas Technology Corp F1490 Datasheet HTML 10Page - Renesas Technology Corp F1490 Datasheet HTML 11Page - Renesas Technology Corp F1490 Datasheet HTML 12Page - Renesas Technology Corp F1490 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
F1490 Datasheet
© 2020 Renesas Electronics Corporation
9
August 17, 2020
Electrical Characteristics – 2.3GHz to 2.7GHz
Specifications apply when operated as a TX amplifier with tuning optimized for the 2.3GHz to 2.7GHz band, VDD = +5.0V, fRF = 2.6GHz,
TEPAD = +25°C, GAIN_SEL = LOW, STBY = HIGH, ZS = ZL = 50Ω, Evaluation Kit trace and connector losses are de-embedded, unless otherwise
stated.
Table 5.
Electrical Characteristics – 2.3GHz to 2.7GHz (Low Gain Mode unless Otherwise Specified)
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Gain
G
Low Gain Mode
33[a]
35.5
dB
High Gain Mode
39.5
Gain Flatness
GFLAT
fRF = 2.3GHz to 2.7GHz
0.7
dB
Gain Variation Over Temperature
GTEMP
TEPAD = -40°C to +115°C,
referenced to TEPAD = 25°C
+1.5 / -1.0
dB
STBY Mode Gain
GSTBY
STBY = logic LOW
PIN ≤ -15dBm
fRF = 2.3GHz to 2.7GHz
-39
dB
RF Input Return Loss
RLRFIN
fRF = 2.3GHz to 2.7GHz
18
dB
RF Output Return Loss
RLRFOUT
fRF = 2.3GHz to 2.7GHz
12
dB
Reverse Isolation
ISOREV
55
dB
Noise Figure
NF
2.5
dB
Output Third Order Intercept Point
OIP3
POUT = +4dBm / tone
1MHz tone separation
38
dBm
POUT = +4dBm / tone
1MHz tone separation
VDD = 4.75V to 5.25V
TEPAD = -40°C to +115°C
30
Output 1dB Compression Point
OP1dB
24
dBm
VDD = 4.75V to 5.25V
TEPAD = -40°C to +115°C
21
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns that
are not shown in bold italics are guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com