công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9351VSJ bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG

tên linh kiện TLE9351VSJ
Giải thích chi tiết về linh kiện  High speed CAN FD transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9351VSJ bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9351VSJ Datasheet HTML 17Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 18Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 19Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 20Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 21Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 22Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 23Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 24Page - Infineon Technologies AG TLE9351VSJ Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Datasheet
21
Rev. 1.0
2020-11-06
TLE9351VSJ
High speed CAN FD transceiver
7.3
Electrical characteristics receiver
Table 8
Electrical characteristics receiver
4.75 V < VCC < 5.25 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40°C < Tj < 150°C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition Number
Min. Typ. Max.
Differential range dominant
normal-operating mode
VDiff_D_Range
0.9 –
8.0
V
1) -12 V ≤ VCMR ≤ 12 V
1) Not subject to production test, specified by design.
P_8.3.3
Differential range recessive
normal-operating mode
VDiff_R_Range
-3.0 –
0.5
V
1) -12V ≤ VCMR ≤ 12 V
P_8.3.5
Differential range dominant
stand-by mode
VDiff_D_STB_Range 1.15 3.0 8.0
V
1) -12 V ≤ VCMR ≤ 12 V
P_8.3.7
Differential range recessive
Stand-by mode
VDiff_R_STB_Range -3.0 0
0.4
V
1) -12 V ≤ VCMR ≤ 12 V
P_8.3.9
Common mode range
CMR
-12 –
12
V
–
P_8.3.11
Single ended internal
resistance
RCAN_H, RCAN_L 640
50
kΩ
1) recessive state;
-2 V ≤ VCANH ≤ 7V;
-2 V ≤ VCANL ≤ 7V
P_8.3.12
Differential internal resistance RDiff
12
80
100 kΩ
1) recessive state;
-2 V ≤ VCANH ≤ 7V;
-2 V ≤ VCANL ≤ 7V
P_8.3.14
Input resistance deviation
between CANH and CANL
∆Ri
-3
–
3
%
1) recessive state;
VCANH = VCANL = 5 V
P_8.3.16
Input capacitance CANH,
CANL versus GND
CIn
––
40
pF
1)2) recessive state;
normal-operating mode
2) S2P-Method; f = 10 MHz.
P_8.3.17
Differential input capacitance CInDiff
–4
20
pF
1)2) recessive state;
normal-operating mode
P_8.3.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com