công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1702 bảng dữ liệu(PDF) 2 Page - 3M Electronics

tên linh kiện 1702
Giải thích chi tiết về linh kiện  3M??Novec??1702 Electronic Grade Coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  3M [3M Electronics]
Trang chủ  http://www.3m.com
Logo 3M - 3M Electronics

1702 bảng dữ liệu(HTML) 2 Page - 3M Electronics

  1702 Datasheet HTML 1Page - 3M Electronics 1702 Datasheet HTML 2Page - 3M Electronics 1702 Datasheet HTML 3Page - 3M Electronics 1702 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Table 2: Typical physical properties
Not for specification purposes. All values @ 25°C unless otherwise specified.
Properties
Fluorinated Polymer Coating
Appearance
Transparent, colorless
Coating Thickness
<100 nm (depending on application method)
Solvent and Chemical Resistance
Resists a variety of solvents and chemicals. Dissolves in acetone.
Tg (Glass Transition Temperature)
44°C (112°F)
Thermal Stability of Dry Film MIL-B-81744A
Repellent to chlorinated silicone oil after 24 hours at 175°C (347°F)
Contact Angles (Static, Dip Coated/Dried on Glass Substrate)
105° (water), 65° (hexadecane)
Refractive Index
1.39
Solder-Through Repairability
Yes (see SDS for thermal decomposition products)
Non-Flammable
Meets UL 94 V-0
Coefficient of Thermal Expansion - TMA
70 µm/(m·°C)
Thermal Conductivity
0.1 W/m*K
Dielectric Constant @30% RH per ASTM D150
3.2 (@1kHz)
Dissipation Factor @30% RH per ASTM D150
0.002 (@1kHz)
Dielectric Breakdown Strength @20°C, 30% RH per ASTM D149
2000 V/mil
*Measured contact angles can vary based on the type of surface, surface roughness and the application method.
*
The U.S. EPA defines a VOC as “any compound of carbon, excluding carbon monoxide, carbon dioxide, carbonic acid, metallic carbides or carbonates and ammonium
carbonate, which participates in atmospheric photochemical reactions, except those designated by the EPA as having negligible photochemical reactivity.” This product
is VOC exempt per the U.S. EPA.
Can serve as:
• Anti-migration coating for displays, spindle motors
or lubricated electronic parts
• Anti-corrosion coating for a variety of materials
and components
• Designed for moisture and corrosion
protection of printed circuit boards
and electronic components
• Low surface energy allows
lubricating oils, silicones,
photoresist solutions, etc.
to bead and drain freely from
coated surfaces
• Helps provide repellency and anti-
wetting properties against liquids –
water, hydrocarbons, silicones
and photoresists
• Helps protect against corrosive gases
and vapors in addition to liquids
• The polymer can endure up to 175°C
(347°F) for 24 hours and maintain
repellency
• Essentially insoluble in solvents such
as heptanes, toluene and water
• Adheres to a variety of materials
(metals, glass, ceramics, polymers,
composites, laminates)
• Thermally and electrically stable
with good dielectric properties
• Easy to apply – dries quickly without
the need for post-application curing
• Excellent surface wetting, especially
under low standoff SMT components
• Allows solder-through repairability
• Non-flammable, non-ozone-depleting,
and low in toxicity
• Low in global warming potential
(GWP), RoHS compliant and volatile
organic compound (VOC) exempt
(per the U.S. EPA)*
Applications
Features
Helps provide:
• Moisture, chemical and corrosion protection for printed
circuit boards and their components
• An easy and cost-effective alternative to conformal
coatings
• Anti-wetting, anti-stiction, anti-migration and anti-corrosion
properties in many diverse applications



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com