| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMR185SCM bảng dữ liệu(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
OMR185SCM bảng dữ liệu(HTML) 2 Page - International Rectifier |
|
2 / 8 page ![]() OMR183- OMR186 Series ELECTRICAL CHARACTERISTICS (T C = 25°C unless otherwise noted) Parameter Conditions Min. Typ. Max. Units Reference Voltage I OUT = 10 mA, Tj = 25°C (V IN - VOUT) = 3 V 1.238 1.250 1.262 V 10mA ≤ IOUT ≤ IFULL LOAD 1.5 V ≤ (VIN - VOUT) ≤ 25 V (Note 3) 1.220 1.250 1.270 V Line Regulation I LOAD = 10 mA, 1.5 V ≤ (VIN - VOUT) ≤ 15 V, 0.015 0.2 % T j = 25°C 0.035 0.2 % 15 V ≤ (VIN - VOUT) ≤ 35 V (Notes 1 & 2) 0.05 0.5 % Load Regulation (V IN - VOUT) = 3 V 10 mA ≤ IOUT ≤ IFULL LOAD T j = 25°C 0.5 0.8 % (Notes 1, 2, 3) .8 1.0 % Dropout Voltage ∆VREF = 1%, IOUT = IFULL LOAD 1.3 1.5 V Current Limit OMR183 (V IN - VOUT) = 5 V 8.0 A (V IN - VOUT) = 25 V 0.4 A OMR184 (V IN - VOUT) = 5 V 5.5 A (V IN - VOUT) = 25 V 0.3 A OMR185 (V IN - VOUT) = 5 V 3.2 A (V IN - VOUT) = 25 V 0.2 A OMR186 (V IN - VOUT) = 5 V 1.5 A (V IN - VOUT) = 25 V 0.75 A Minimum Load Current (V IN - VOUT) = 25 V 5 10 mA Thermal Regulation T A = 25°C, 30 ms pulse OMR183 Guaranteed by design 0.002 0.01 %/W OMR184 0.003 0.15 %/W OMR185 0.004 0.02 %/W OMR186 0.010 0.05 %/W Ripple Rejection f = 120 Hz C ADJ = 25 µF Tantalum I OUT - IFULL LOAD (VIN - VOUT) = 3 V 60 75 dB Adjust Pin Current T J = 25°C 55 µA Adjust Pin Current Change 10mA ≤ IOUT ≤ IFULL LOAD 1.5 V ≤ (VIN - VOUT) ≤ 25 V 0.2 5 µA Temperature Stability -55°C ≤ TJ ≤ +150°C 0.5 % Long Term Stability T A = 125°C, 1000 Hrs. 0.3 1 % Thermal Resistance Junction-to-Case TO-257, D2 Pac 4.2 °C/W TO-258 2.75 °C/W SMD-1 3.5 °C/W TO-205 17 °C/W Note 1: Load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing. Note 2: Line and load regulation are guaranteed up to the maximum power dissipation (OMR183/60W, OMR184/45W, OMR185/30W, OMR186/15W). Power dissipation is determined by the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output voltage range. Note 3: I FULL LOAD curve is defined as the minimum value of current limit as a function of input to output voltage. Note that power dissipation is only achievable over a limited range of input to output voltage. Note 4: Dropout voltage is specified over the full output current range of the device. Note 5: Refer to curves for typical characteristics versus total dose radiation levels. |