| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSC2011IYDT bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC2011IYDT bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 54 page ![]() Figure 68. Capacitive load response at Vcc = 3.3 V with 720 kHz RC filter -4µ 0 4µ 8µ 12µ -8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 -1000 -900 -800 -700 -600 -500 -400 -300 -200 -100 0 100 200 300 400 500 600 700 800 900 1000 Time (s) Sample and hold Vout Vcc=3.3V, Vicm=1.65V, Vsense=0Vpp T=25°C, Rs=470Ω,Ct=470pF 50kHz square signal of 3.3V amplitude injected in the output through 40pF Figure 69. Capacitive load response at Vcc = 3.3 V with 194 kHz RC filter -4µ 0 4µ 8µ 12µ -8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 -1000 -900 -800 -700 -600 -500 -400 -300 -200 -100 0 100 200 300 400 500 600 700 800 900 1000 Time (s) Sample and hold Vout Vcc=3.3V, Vicm=1.65V, Vsense=0Vpp T=25°C, Rs=820Ω,Ct=1nF 50kHz square signal of 3.3V amplitude injected in the output through 40pF The value of the added external capacitor must be taken into account. Indeed, if this one is chosen with an excessive value and the serial resistance with a too small value, the risk of instability on the output of the TSC2011 is high. • Driving large capacitive Cload Increasing the load capacitance produces gain peaking in the frequency response, with an overshoot and ringing in the step response. The figure below, shows the serial resistors that must be added to the output, to make a system stable. The chosen criteria ensures the stability of the system and it is an overshoot lower than 24%. Figure 70. Stability criteria with a serial resistor at VCC = 5 V 0.1 1 10 100 0 100 200 300 400 500 Stable Vcc=5V, Vicm=0V, Vref=Vcc/2, T=25°C, Unstable Capacitive Load (nF) TSC2010, TSC2011, TSC2012 Stability DS13057 - Rev 4 page 37/54 |