công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EC-3532 bảng dữ liệu(PDF) 2 Page - 3M Electronics

tên linh kiện EC-3532
Giải thích chi tiết về linh kiện  Scotch-WeldTM Urethane Adhesive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  3M [3M Electronics]
Trang chủ  http://www.3m.com
Logo 3M - 3M Electronics

EC-3532 bảng dữ liệu(HTML) 2 Page - 3M Electronics

  EC-3532 Datasheet HTML 1Page - 3M Electronics EC-3532 Datasheet HTML 2Page - 3M Electronics EC-3532 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Scotch-Weld™
Urethane Adhesive EC-3532 B/A
Technical Datasheet
- 2 -
Directions for Use
1. Surfaces to be bonded must be dry and free from rust, oil, grease and wax.
Surfaces can be cleaned with an abrasive such as 3MTM Coated Abrasives (240
grit) followed by wiping with a solvent such as MEK (methyl ethyl ketone),
MIBK (methyl isobutyl ketone) or Acetone.*
2. Primer Information:
3M™ Scotch-Weld™ Structural Adhesive Primer EC-3901 may be applied
by spray or brush. Air dry cycles for periods as short as 1/2 hour have been used
successfully with the force dry cycle. Humidity contributes greatly to satisfactory
use of this primer. Relative humidity of 25% or lower may cause difficulties and
should be thoroughly evaluated in the customers’ application.
The primed surface, after cooling to ambient temperatures, is ready for adhesive
bonding. The primed surface should be protected from contamination introduced
by dust, fingerprints, oil, etc.
See Data Sheet for Scotch-Weld Structural Adhesive Primer EC-3901 for
directions for use.
*Note: When using solvents, extinguish all ignition sources including pilot lights,
read and follow manufacturer’s precautions and directions for use.
Overlap Shear Strength-Plastics: The following are minimum performance data
after a full cure showing the adhesion of Scotch-Weld EC-3532 B/A Adhesive. Data
was developed on 1/8-inch thick, 1/2-inch overlap, 1-inch wide specimens with .005-
inch thick bondlines that had been abraded and alcohol wiped prior to bonding.
Typical Performance
Characteristics
Overlap Shear Strength-Metals: The following are minimum performance data
after a full cure showing the adhesion of 3M™ Scotch-Weld™ Urethane Adhesive
EC-3532 B/A to etched aluminum. Data was developed on .063-inch thick 2024 T-3
clad aluminum. Test specimens were 1/2-inch overlap, 1-inch wide with .005-inch
thick bondlines pulled at a testing rate of .1-inch/min. All values are psi.
Substrate
Test Temperature
-40°F (-40°C)
75°F (24°C)
180°F (82°C)
Etched Aluminum
2500
2200
300
Substrate
Test Temperature
75°F (24°C)
Polycarbonate
700 psi
Storage
Store product at 60-80°F (16-27°C) for maximum storage life. Higher temperatures
reduce normal storage life. Lower temperatures cause increased viscosity of a
temporary nature. Rotate stock on a “first in-first out” basis.
Shelf Life
This product has a shelf life of one year from date of shipment when unopened and
properly stored.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com