công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSSC3170EE2R bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện ZSSC3170EE2R
Giải thích chi tiết về linh kiện  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3170EE2R bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3170EE2R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 11Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 14Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 15Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3170EE2R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
13
May 30, 2016
2.2
Application Modes
For each application, a configuration set must be established (generally prior to calibration) by programming the
on-chip EEPROM for the following modes:
Table 2.1
Configuration for Application Modes
Bridge Sensor Channel
Input Voltage Range
Select gain stage of the AFE with respect to the maximum sensor signal span and
the zero point of the ADC.
Bridge Sensor Offset
Compensation (XZC)
Activate the analog sensor offset compensation if required; e.g., if the sensor offset
voltage is close to or larger than the sensor span.
Resolution/Response Time
Select appropriate resolution of the ADC. Settings will influence sampling rate, signal
integration time, and therefore sensitivity to noise and disturbances.
Temperature Measurement
Temperature Measurement for the
Correction of the Bridge Signal
Select temperature sensor to calibrate temperature related errors.
Temperature Measurement for the
Temperature Output in LIN Mode
Select temperature sensor for temperature measurement.
Output Signal
Output Mode
Select PWM or LIN according to application requirements.
LIN Mode
Select LIN compatibility to specification package LIN2.1, LIN2.0, or LIN1.3.
PWM Mode
Select switch type: high-side switch (HSS) or low-side switch (LSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com