công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XIO2000AZZZ bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện XIO2000AZZZ
Giải thích chi tiết về linh kiện  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 42Page - Texas Instruments XIO2000AZZZ Datasheet HTML 43Page - Texas Instruments XIO2000AZZZ Datasheet HTML 44Page - Texas Instruments XIO2000AZZZ Datasheet HTML 45Page - Texas Instruments XIO2000AZZZ Datasheet HTML 46Page - Texas Instruments XIO2000AZZZ Datasheet HTML 47Page - Texas Instruments XIO2000AZZZ Datasheet HTML 48Page - Texas Instruments XIO2000AZZZ Datasheet HTML 49Page - Texas Instruments XIO2000AZZZ Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 165 page
background image
Feature/Protocol Descriptions
37
April 2007 Revised October 2008
SCPS155C
Bridge
REQ
REQ0
REQ1
REQ2
Bridge
GNT
GNT0
GNT1
GNT2
Isoc Ref
Clock
Port Arb
Table
PCI Bus
33
000
2
22
21
111
3
3
3
000
2
222
1
Bridge
Device 1‡
Device 0
Device 2
Bridge
Device 1
Figure 3−5. PCI Bus Timing
3.6
Configuration Register Translation
PCI Express configuration register transactions received by the bridge are decoded based on the transaction’s
destination ID. These configuration transactions can be broken into three subcategories: type 0 transactions,
type 1 transactions that target the secondary bus, and type 1 transactions that target a downstream bus other
than the secondary bus.
PCI Express type 0 configuration register transactions always target the configuration space and are never
passed on to the secondary interface.
Type 1 configuration register transactions that target a device on the secondary bus are converted to type 0
configuration register transactions on the PCI bus. Figure 3−6 shows the address phase of a type 0
configuration transaction on the PCI bus as defined by the PCI specification.
31
16
15
11
10
8
7
2
1
0
IDSEL
Reserved
Function
Number
Register Number
0
0
Figure 3−6. Type 0 Configuration Transaction Address Phase Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com