công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280025PMS bảng dữ liệu(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280025PMS
Giải thích chi tiết về linh kiện  TMS320F28002x Real-Time Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280025PMS bảng dữ liệu(HTML) 60 Page - Texas Instruments

Back Button F280025PMS Datasheet HTML 56Page - Texas Instruments F280025PMS Datasheet HTML 57Page - Texas Instruments F280025PMS Datasheet HTML 58Page - Texas Instruments F280025PMS Datasheet HTML 59Page - Texas Instruments F280025PMS Datasheet HTML 60Page - Texas Instruments F280025PMS Datasheet HTML 61Page - Texas Instruments F280025PMS Datasheet HTML 62Page - Texas Instruments F280025PMS Datasheet HTML 63Page - Texas Instruments F280025PMS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 198 page
background image
7.11.2.2 Reset Electrical Data and Timing
Section 7.11.2.2.1 lists the reset (XRSn) timing requirements. Section 7.11.2.2.2 lists the reset (XRSn) switching
characteristics. Figure 7-8 shows the power-on reset. Figure 7-9 shows the warm reset.
7.11.2.2.1 Reset (XRSn) Timing Requirements
MIN
MAX
UNIT
th(boot-mode)
Hold time for boot-mode pins
1.5
ms
tw(RSL2)
Pulse duration, XRSn low on
warm reset
All cases
3.2
µs
Low-power modes used in
application and SYSCLKDIV > 16
3.2 * (SYSCLKDIV/16)
7.11.2.2.2 Reset (XRSn) Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(RSL1)
Pulse duration, XRSn driven low by device after supplies are
stable
100
µs
tw(WDRS)
Pulse duration, reset pulse generated by watchdog
512tc(OSCCLK)
cycles
tboot-flash
Boot-ROM execution time to first instruction fetch in flash
900
µs
7.11.2.2.3 Reset Timing Diagrams
VDDIO VDDA
(3.3V)
VDD (1.2V)
XRSn
(A)
CPU
Execution
Phase
Boot-Mode
Pins
I/O Pins
th(boot-mode)
(B)
Boot ROM
User code
User code dependent
GPIO pins as input
Boot-ROM execution starts
GPIO pins as input (pullups are disabled)
User code dependent
Peripheral/GPIO function
Based on boot code
tw(RSL1)
tboot-flash
A. The XRSn pin can be driven externally by a supervisor or an external pullup resistor, see Table 6-1. On-chip POR logic will hold this pin
low until the supplies are in a valid range.
B. After reset from any source (see Section 7.11.2.1), the boot ROM code samples Boot Mode pins. Based on the status of the Boot Mode
pin, the boot code branches to destination memory or boot code function. If boot ROM code executes after power-on conditions (in
debugger environment), the boot code execution time is based on the current SYSCLK speed. The SYSCLK will be based on user
environment and could be with or without PLL enabled.
Figure 7-8. Power-on Reset
TMS320F280025, TMS320F280025-Q1
TMS320F280025C, TMS320F280025C-Q1, TMS320F280023, TMS320F280023-Q1
TMS320F280023C, TMS320F280021, TMS320F280021-Q1
SPRSP45B – MARCH 2020 – REVISED DECEMBER 2020
www.ti.com
60
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMS320F280025 TMS320F280025-Q1 TMS320F280025C TMS320F280025C-Q1
TMS320F280023 TMS320F280023-Q1 TMS320F280023C TMS320F280021 TMS320F280021-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com