công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSSC3018BA2D bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ZSSC3018BA2D
Giải thích chi tiết về linh kiện  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 6Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 7Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 8Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 9Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 10Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 11Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 12Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 13Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
10
September 8, 2020
2. Circuit Description
2.1 Brief Description
The ZSSC3018 provides a highly accurate amplification of bridge sensor signals. The compensation of sensor offset, sensitivity, temperature
drift, and non-linearity is accomplished via a 26-bit DSP core running a correction algorithm with calibration coefficients stored in a non-volatile
memory. The ZSSC3018 can be configured for a wide range of resistive bridge sensor types and for absolute voltage-source sensors. A digital
interface (SPI or I2C) enables communication. The ZSSC3018 supports two operational modes: Normal Mode and Command Mode. Normal
Mode is the standard operating mode. Typically in Normal Mode, the ZSSC3018 wakes up from Sleep Mode (low power), runs a measurement
in Active State, and automatically returns to the Sleep Mode. (See section 3.3 for details on operational modes.)
2.2 Signal Flow and Block Diagram
See Figure 2.1 and Figure 2.2 for the ZSSC3018 block diagram for different input sensors. The sensor bridge supply VDDB and the power supply
for analog circuitry are provided by a voltage regulator, which is optimized for power supply disturbance rejection (PSRR). See section 1.4 for
a graph of PSRR versus frequency. To improve noise suppression, the digital blocks are powered by a separate voltage regulator. A power
supervision circuit monitors all supply voltages and generates appropriate reset signals for initializing the digital blocks.
The System Control Unit controls the analog circuitry to perform the three measurement types: external sensor, temperature, and offset
measurement. The multiplexer selects the signal input to the amplifier, which can be the external signals from the input pins INP and INN or the
internal temperature reference sensor signals. A full measurement request will trigger an automatic sequence of all measurement types and all
input signals.
Figure 2.1 ZSSC3018 Functional Block Diagram, Resistive-Bridge-Sensor
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
DSP Core
(Calculations,
Communication)
MTP
System
Control Unit
Pre-Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Oscillator
Clock Generator
SPI
I²C
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Power Ctr.
Vreg int
A
18 Bit
VDDB
ZSSC3018
RES
D
PGA
ADC
18 bit
MUX
Voltage Regulator
Analog
Digital
Interface
Functionality Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com